Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA018B Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EPA018B
Description  High Efficiency Heterojunction Power FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA018B Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPA018B Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA018B Datasheet HTML 2Page - Excelics Semiconductor, Inc. EPA018B Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EPA018B
ISSUED 11/01/2007
High Efficiency Heterojunction Power FET
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 3
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised November 2007
Chip Thickness: 75 ± 13 micron
All Dimensions in Microns
FEATURES
•
VERY HIGH fmax: 120GHz
•
+20.0dBm TYPICAL OUTPUT POWER
•
13.0dB TYPICAL POWER GAIN AT 18 GHz
•
TYPICAL 0.75dB NOISE FIGURE AND 12.5dB
ASSOCIATED GAIN AT 12GHz
•
0.3 X 180 MICRON RECESSED “MUSHROOM” GATE
•
Si3N4 PASSIVATION
•
ADVANCED EPITAXIAL HETEROJUNCTION
PROFILE PROVIDES EXTRA HIGH POWER
EFFICIENCY, AND HIGH RELIABILITY
•
Idss SORTED IN 5 mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25°C)
Caution! ESD sensitive device.
SYMBOL
PARAMETERS/TEST CONDITIONS
1
MIN
TYP
MAX
UNITS
P1dB
Output Power at 1dB Compression
f = 12GHz
VDS = 6 V, IDS ≈ 50% Idss
f = 18GHz
18.0
20.0*
20.0*
dBm
G1dB
Gain at 1dB Compression
f =12GHz
VDS = 6 V, IDS ≈ 50% Idss
f = 18GHz
13.0
14.5
13.0
dB
PAE
Power Added Efficiency at 1dB Compression Vds=6V, Ids=50% Idss
f=12Ghz
48
%
NF
Noise Figure, f = 12GHz
VDS = 2 V, IDS ≈ 15 mA
0.75
dB
Ga
Associated Gain, f = 12GHz
VDS = 2 V, IDS ≈ 15 mA
12.5
dB
IDSS
Saturated Drain Current
VDS =3 V, VGS = 0 V
30
55
80
mA
GM
Transconductance
VDS =3 V, VGS = 0 V
35
60
mS
VP
Pinch-off Voltage
VDS = 3 V, IDS = 1.0 mA
-1.0
-2.5
V
BVGD
Drain Breakdown Voltage
IGD = 0.5mA
-9
-15
V
BVGS
Source Breakdown Voltage
IGS = 0.5mA
-7
-14
V
RTH
Thermal Resistance (Au-Sn Eutectic Attach)
185
oC/W
*P1dB = 21.5dBm can be obtained with 8v/50% Idss bias. Consult factory for wafer selection.
MAXIMUM RATINGS AT 25°C
SYMBOL
CHARACTERISTIC
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain to Source Voltage
12V
6 V
VGS
Gate to Source Voltage
-8V
- 3 V
Ids
Drain Current
Idss
Idss
IGSF
Forward Gate Current
9mA
1.5 mA
PIN
Input Power
16dBm
@ 3dB compression
TCH
Channel Temperature
175°C
150°C
TSTG
Storage Temperature
-65/175°C
-65/150°C
PT
Total Power Dissipation
740mW
625mW
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.


Similar Part No. - EPA018B

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EPA018B-70 EXCELICS-EPA018B-70 Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
logo
List of Unclassifed Man...
EPA018BV ETC-EPA018BV Datasheet
47Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA018BV EXCELICS-EPA018BV Datasheet
46Kb / 2P
High Efficiency Heterojunction Power FET
EPA018BV-70SC EXCELICS-EPA018BV-70SC Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
More results

Similar Description - EPA018B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com