Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP5115CDT Datasheet(PDF) 4 Page - A1 PROs co., Ltd.

Part # IMP5115CDT
Description  9--Liine SCSII Termiinattor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5115CDT Datasheet(HTML) 4 Page - A1 PROs co., Ltd.

  IMP5115CDT Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5115CDT Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5115CDT Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5115CDT Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5115CDT Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5115CDT Datasheet HTML 6Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
408-432-9100/www.impweb.com
© 2000 IMP, Inc.
Application Information
IMP5115 Maximizes Line Current
Cable transmission theory suggests to optimize signal speed and
quality, the termination should act both as an ideal voltage refer-
ence when the line is released (deasserted) and as an ideal
current source when the line is active (asserted). Common active
terminators which consist of linear regulators in series with resis-
tors (typically 110
Ω) are a compromise. With coventional linear
terminators as the line voltage increases the amount of current
decreases linearly by the equation;
The IMP5115, with its unique new architecture, applies the maxi-
mum amount of current regardless of line voltage until the
termination high threshold (2.85V) is reached.
Acting as a near ideal line terminator, the IMP5115 closely repro-
duces the optimum case when the device is enabled. To enable the
device the Disable pin must be driven LOW. When enabled,
quiescent current is 6mA and the device will respond to line
demands by delivering 24mA on assertion and by imposing 2.85V
on de-assertion.
Disable/Sleep Mode
Disable mode places the device in a sleep state, where quiescent
current typically 375
µA. When disabled, all outputs are in a high
impedance state. Sleep mode can be used for power conservation
or to remove the terminator from the SCSI chain.
An additional feature of the IMP5115 are their compatibility with
active negation drivers.
VV
R
I
REF
LINE
−
()
= .
Figure 3.
5115_03.eps
1 Meter, AWG 28
IMP5115
Receiver
Driver
IMP5115
Figure 1. Receiving Waveform – 20MHz
Figure 2. Driving Waveform – 20MHz
e
l
b
a
s
i
Ds
t
u
p
t
u
Ot
n
e
r
r
u
C
t
n
e
c
s
e
i
u
Q
Hd
e
l
b
a
n
EA
m
6
Le
c
n
a
d
e
p
m
I
h
g
i
H
/
d
e
l
b
a
s
i
D5
7
3
µA
n
e
p
Od
e
l
b
a
n
EA
m
6
s
p
e
.
4
0
t
_
5
1
1
5
Table 1. Power Up/ Power Down Function Table
1
IMP5
IMP5111155



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com