Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP5115CDWT Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # IMP5115CDWT
Description  9--Liine SCSII Termiinattor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5115CDWT Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  IMP5115CDWT Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5115CDWT Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5115CDWT Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5115CDWT Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5115CDWT Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5115CDWT Datasheet HTML 6Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Key Features
x
Ultra-Fast response for Fast-20 SCSI applications
x
35MHz channel bandwidth
x
3.3V operation
x
Less than 3pF output capacitance
x
375µA Sleep-mode current
x
Thermally self limiting
x
No external compensation capacitors
x
Implements 8-bit or 16-bit (wide) applications
x
Compatible with active negation drivers
(60mA/channel)
x
Compatible with passive and Active terminations
x
Approved for use with SCSI 1, 2, 3 and UltraSCSI
x
Hot swap compatible
x
Pin-for-pin compatible with DS21S07A/2105
Block Diagrams
–
+
Current
Biasing
Circuit
Thermal
Limiting
Circuit
24mA Current
Limiting Circuit
Term Power
DATA OUTPUT
PIN DB (0)
1 of 9 Channels
DISABLE PIN
1.4V
2.85V
5115_01.eps
9-Line SCSI T
9-Line SCSI Ter
erminat
minator
or
– 35MHz Channel Bandwidt
– 35MHz Channel Bandwidth
h
The IMP5115 SCSI terminator is part of IMP's family of high-perfor-
mance, adaptive, non-linear mode SCSI products, which are designed to
deliver true UltraSCSI performance in SCSI applications. The low voltage
BiCMOS architecture employed in its design offers performance superior
to older linear passive and active techniques. IMP's SCSI termination
architecture employs high-speed adaptive elements for each channel,
thereby providing the fastest response possible — typically 35MHz,
which is 100 times faster than the older linear regulator/terminator
approach used by other manufacturers. Products using this older linear
regulator approach have bandwidths which are dominated by the output
capacitor and which are limited to 500KHz (see further discussion in the
Functional Description section). This new architecture also eliminates the
output compensation capacitor required in earlier terminator designs.
Each is approved for use with SCSI-1, -2, -3, UltraSCSI and beyond —
providing the highest performance alternative available today.
Another key improvement offered by the IMP5115 lies in its ability to
insure reliable, error-free communications even in systems which do not
adhere to recommended SCSI hardware design guidelines, such as the
use of improper cable lengths and impedances. Frequently, this situation
is not controlled by the peripheral or host designer and, when problems
occur, they are the first to be made aware of the problem. The IMP5115
architecture is much more tolerant of marginal system integrations.
Recognizing the needs of portable and configurable peripherals, the
IMP5115 has a TTL compatible sleep/disable mode. Quiescent current
is typically 375µA in this mode, while the output capacitance is also
less than 3pF. The obvious advantage of extended battery life for
portable systems is inherent in the product's sleep-mode feature.
Additionally, the disable function permits factory-floor or production-
line configurability, reducing inventory and product-line
diversity costs. Field configurability can also be accom-
plished without physically removing components which,
often times results in field returns due to mishandling.
Reduced component count is also inherent in the IMP5115
architecture. Traditional termination techniques require
large stabilization and transient protection capacitors of up
to 20µF in value and size. The IMP5115 architecture does
not require these components, allowing all the cost savings
associated with inventory, board space, assembly, reliability,
and component costs.
1
IMP5
IMP5111155
© 2000 IMP, Inc.
Data Communications
1
DATA COMMUNICATIONS


Similar Part No. - IMP5115CDWT

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP5115CDWT IMP-IMP5115CDWT Datasheet
200Kb / 6P
9--Liine SCSII Termiinattor-35MHz Channell Bandwiidtth
More results

Similar Description - IMP5115CDWT

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP5115 IMP-IMP5115 Datasheet
200Kb / 6P
9--Liine SCSII Termiinattor-35MHz Channell Bandwiidtth
IMP5111 IMP-IMP5111 Datasheet
158Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
IMP5218 IMP-IMP5218 Datasheet
293Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
IMP5219 IMP-IMP5219 Datasheet
294Kb / 10P
9--Liine SCSII Termiinattor
logo
A1 PROs co., Ltd.
IMP5111CDP A1PROS-IMP5111CDP Datasheet
163Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
08/19/02
IMP5218 A1PROS-IMP5218 Datasheet
310Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5219 A1PROS-IMP5219 Datasheet
312Kb / 10P
9--Liine SCSII Termiinattor
07/31/00
IMP5225 A1PROS-IMP5225 Datasheet
210Kb / 6P
18--Liine Pllug and Pllay SCSII Termiinattor
08/19/02
IMP5226 A1PROS-IMP5226 Datasheet
154Kb / 6P
18--Liine Pllug and Pllay SCSII Termiinattor
08/19/02
IMP5245 A1PROS-IMP5245 Datasheet
123Kb / 5P
LVD SCSII Termiinattor
08/12/02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com