Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AI5412 Datasheet(PDF) 3 Page - A1 PROs co., Ltd.

Part # AI5412
Description  Timing Controller for CCD Monochrome Camera
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI5412 Datasheet(HTML) 3 Page - A1 PROs co., Ltd.

  AI5412 Datasheet HTML 1Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 2Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 3Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 4Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 5Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 6Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 7Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 8Page - A1 PROs co., Ltd. AI5412 Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Ai5412
Pin Description
24
CVSS
-
23
SPUPV
/ED0
I*1
22
SPDNV
/ED2
I*1
21
CVDD
-
20
Vreg
-
19
VDD 1
-
18
Vss2
-
17
IRIN/ED1
I*1
16
MODE2
I
15
IRENB
I
14
ENB
I
13
XSUB
O
12
XV4
O
11
XSG2
O
10
XV3
O
9
XSG1
O
8
XV1
O
7
XV2
O
6
VSS 1
-
5
RG
-
4
HVSS
-
3
H2
O
2
H1
O
1
HVDD
-
NO.
Symbol
I/O
26
SHD
O
25
SHP
O
27
MODE1
I
GND(for comparator)
Shutter speed up reference voltage /
Shutter speed setting ; strobe input in serial mode
Shutter speed down reference voltage/
Shutter speed setting ; data input in serial mode
Power supply (for comparator)
Bias current supply for comparator
Power supply
GND
Iris signal input/shutter speed setting ; clock input in serial mode
Electronic shutter speed input switchover (with pull-up resistance)
Low : serial input ; High : parallel input
Low : Electronic shutter mode ; High : Auto iris mode
(with pull-up resistance)
XSUB pulse output ON/OFF control (with pull-up resistance)
Low : XSUB pulse output stop ; High : XSUB pulse output
CCD discharge pulse output
XV4 clock output for CCD vertical register drive
CCD sensor charge readout pulse output
XV3 clock output for CCD vertical register drive
CCD sensor charge readout pulse output
XV1 clock output for CCD vertical register drive
XV2 clock output for CCD vertical register drive
GND
Reset gate pulse output
GND(for H1, H2)
H2 clock output for CCD horizontal register drive
H1 clock output for CCD horizontal register drive
Power supply (for H1, H2)
Description
Data sample-and-hold pulse
Pre charge level sample-and-hold pulse
Low : EIA ; High : CCIR (with pull-down resistance)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com