Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP690ACPA Datasheet(PDF) 6 Page - A1 PROs co., Ltd.

Part # IMP690ACPA
Description  μP Power Supplly Supervisor wiitth Battttery Backup Swiittch
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP690ACPA Datasheet(HTML) 6 Page - A1 PROs co., Ltd.

Back Button IMP690ACPA Datasheet HTML 2Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 3Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 4Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 5Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 6Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 7Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 8Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 9Page - A1 PROs co., Ltd. IMP690ACPA Datasheet HTML 10Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
IMP690A
IMP690A , 692A
, 692A , 802L, 802M, 805L
, 802L, 802M, 805L
Application Information
Watchdog Input
As discussed in the Reset section, the Watchdog Input is used to
monitor microprocessor activity. It can be used to insure that the
microprocessor is in a continually responsive state by requiring
that the WDI pin be toggled every second. If the WDI pin is not
toggled within the 1.6 second window (minimum tWD + tRS),
a reset pulse will be asserted to return the microprocessor to the
initial start-up state. Pulses as short as 50ns can be applied to the
WDI pin. If this feature is not used, the WDI pin should be open-
circuited or the logic placed into a high-impedance state to allow
the pin to float.
Backup-Battery Switchover
A power loss can be made less severe if the system RAM contents
are preserved. This is achieved in the IMP690/692/802/805 by
switching from the failed VCC to an alternate power source con-
nected at VBATT when VCC is less than the reset threshold voltage
(VCC < VRT), and VCC is less than VBATT. The VOUT pin is normally
connected to VCC through a 2Ω PMOS switch but a brown-out or
loss of VCC will cause a switchover to VBATT by means of a 20Ω
PMOS switch. Although both conditions (VCC < VRT and VCC <
VBATT) must occur for the switchover to VBATT to occur, VOUT will
be switched back to VCC when VCC exceeds VRT irrespective of the
voltage at VBATT. It should be noted that an internal device diode
(D1 in Figure 4) will be forward biased if VBATT exceeds VCC by
more than a diode drop when VCC is switched to VOUT. Because of
this it is recommended that VBATT be no greater than VRT +0.6V.
Figure 4. Internal device configuration of battery
switch-over function
VCC > Reset Threshold
VCC < Reset Threshold and
VCC > VBATT
VCC < Reset Threshold and
VCC < VBATT
IMP690A / IMP802L / IMP805L Reset Threshold = 4.65V
IMP692A / IMP802M Reset Threshold = 4.4V
Closed
Open
Open
Closed
Closed
Open
CONDITION
SW1/SW2
SW3/SW4
690A_06.eps
SW4
SW3
D2
D1
D3
IMP690A
IMP692A
IMP802L
IMP802M
IMP805L
SW1
SW2
VCC
VOUT
VBATT
Table 1. Pin Connections in Battery Backup Mode
During the backup power mode, the internal circuitry of the
supervisory circuit draws power from the battery supply. While
VCC is still alive, the comparator circuits remain alive and the cur-
rent drawn by the device is typically 35
µA. When VCC drops more
than 1.1V below VBATT, the internal switchover comparator, the
PFI comparator and WDI comparator will shut off, reducing the
quiescent current drawn by the IC to less than 1
µA.
Backup Power Sources - Batteries
Battery voltage selection is important to insure that the battery
does not discharge through the parasitic device diode D1 (see
Figure 4) when VCC is less than VBATT and VCC > VRT.
Table 2. Maximum Battery Voltages
Although most batteries that meet the requirements of Table 2 are
acceptable, lithium batteries are very effective backup source due
to their high-energy density and very low self-discharge rates.
Battery Replacement while Powered
Batteries can be replaced even when the device is in a powered
state as long as VCC remains above the reset threshold voltage VRT.
In the IMP devices, a floating VBATT pin will not cause a power-
supply switchover as can occur in some other supervisory
circuits. If VBATT is not used, the pin should be grounded.
Part No.
MAXIMUM Battery Voltage
IMP690A
4.80
IMP802L
4.80
IMP805L
4.80
IMP692A
4.55
IMP802M
4.55
Pin
Connection
VOUT
Connected to VBATT through internal PMOS switch
VBATT
Connected to VOUT
PFI
Disabled

PFO
Logic-LOW

RESET
Logic LOW (except on IMP805 where it is HIGH)
WDI
Watchdog timer disabled



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com