Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP5219CDWT Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # IMP5219CDWT
Description  9--Liine SCSII Termiinattor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP5219CDWT Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  IMP5219CDWT Datasheet HTML 1Page - A1 PROs co., Ltd. IMP5219CDWT Datasheet HTML 2Page - A1 PROs co., Ltd. IMP5219CDWT Datasheet HTML 3Page - A1 PROs co., Ltd. IMP5219CDWT Datasheet HTML 4Page - A1 PROs co., Ltd. IMP5219CDWT Datasheet HTML 5Page - A1 PROs co., Ltd. IMP5219CDWT Datasheet HTML 6Page - A1 PROs co., Ltd. IMP5219CDWT Datasheet HTML 7Page - A1 PROs co., Ltd. IMP5219CDWT Datasheet HTML 8Page - A1 PROs co., Ltd. IMP5219CDWT Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Key Features
x
Ultra-Fast response for Fast-20 SCSI applications
x
Hot swap compatible
x
35MHz channel bandwidth
x
3.5V operation
x
Less than 3pF output capacitance
x
Sleep-mode current less than 375µA
x
Thermally self limiting
x
No external compensation capacitors
x
Implements 8-bit or 16-bit (wide) applications
x
Compatible with active negation drivers
(60ma/channel)
x
Compatible with passive and active terminations
x
Approved for use with SCSI 1, 2, 3 and UltraSCSI
Block Diagrams
–
+
Current
Biasing
Circuit
Thermal
Limiting
Circuit
24mA Current
Limiting Circuit
Term Power
DATA OUTPUT
PIN DB (0)
1 of 9 Channels
Disable Pin
1.4V
2.85V
5219_01.eps
9-Line SCSI T
9-Line SCSI Ter
erminat
minator
or
The 9-channel IMP5219 SCSI terminator is part of IMP's family of high-
performance SCSI terminators that deliver true UltraSCSI performance.
The BiCMOS design offers superior performance over first generation
linear regulator/resistor based terminators.
IMP's new architecture employs high-speed adaptive elements for each
channel, thereby providing the fastest response possible - typically
35MHz, which is 100 times faster than the older linear regulator termi-
nator approach. The bandwidth of terminators based on the older
regulator/resistor terminator architecture is limited to 500kHz since a
large output stabilization capacitor is required. The IMP architecture
eliminates the external output compensation capacitor and the need
for transient output capacitors while maintaining pin compatibility
with first generation designs. Reduced component count is inherent
with the IMP5219.
The IMP5219 architecture tolerates marginal system designs. A key
improvement offered by the IMP5219 lies in its ability to insure reliable,
error-free communications even in systems which do not adhere to rec-
ommended SCSI hardware design guidelines, such as improper cable
lengths and impedance. Frequently, this situation is not controlled by the
peripheral or host designer.
For portable and configurable peripherals, the IMP5219 can be placed in
a sleep mode with an active LOW disable signal. Quiescent current is
typically 375
µA and output are in a high impedance state when disabled.
IMP5
IMP511111/5
1/5111122
DATA COMMUNICATIONS
IMP52
IMP521199
DATA COMMUNICATIONS
© 2000 IMP, Inc.
Data Communications
1


Similar Part No. - IMP5219CDWT

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP5219CDWT IMP-IMP5219CDWT Datasheet
294Kb / 10P
9--Liine SCSII Termiinattor
More results

Similar Description - IMP5219CDWT

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP5115 IMP-IMP5115 Datasheet
200Kb / 6P
9--Liine SCSII Termiinattor-35MHz Channell Bandwiidtth
IMP5111 IMP-IMP5111 Datasheet
158Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
IMP5218 IMP-IMP5218 Datasheet
293Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
IMP5219 IMP-IMP5219 Datasheet
294Kb / 10P
9--Liine SCSII Termiinattor
logo
A1 PROs co., Ltd.
IMP5111CDP A1PROS-IMP5111CDP Datasheet
163Kb / 6P
9--Liine SCSII Termiinattor - 35MHz Channell Bandwiidtth
08/19/02
IMP51115 A1PROS-IMP51115 Datasheet
205Kb / 6P
9--Liine SCSII Termiinattor
08/19/02
IMP5218 A1PROS-IMP5218 Datasheet
310Kb / 10P
9--Liine Pllug and Pllay SCSII Termiinattor
07/31/00
IMP5225 A1PROS-IMP5225 Datasheet
210Kb / 6P
18--Liine Pllug and Pllay SCSII Termiinattor
08/19/02
IMP5226 A1PROS-IMP5226 Datasheet
154Kb / 6P
18--Liine Pllug and Pllay SCSII Termiinattor
08/19/02
IMP5245 A1PROS-IMP5245 Datasheet
123Kb / 5P
LVD SCSII Termiinattor
08/12/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com