Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP706PCSA Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # IMP706PCSA
Description  3/3..3/4..0V μP Supervisorr Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP706PCSA Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  IMP706PCSA Datasheet HTML 1Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 2Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 3Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 4Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 5Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 6Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 7Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 8Page - A1 PROs co., Ltd. IMP706PCSA Datasheet HTML 9Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
Ordering Information
Pin Configuration
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP708R/S/T/J
1
2
3
4
MR
VCC
GND
PFI
RESET
RESET
NC
PFO
8
7
6
5
IMP706P
1
2
3
4
MR
VCC
GND
PFI
WDO
RESET
WDI
PFO
8
7
6
5
IMP706R/S/T/J
1
2
3
4
MR
VCC
GND
PFI
WDO
RESET
WDI
PFO
8
7
6
5
IMP706P
IMP706R/S/T/J
1
2
3
4
(RESET) RESET
(IMP706P)
WDO
MR
VCC
WDI
PFO
PFI
GND
8
7
6
5
IMP708R/S/T/J
1
2
3
4
RESET
RESET
MR
VCC
NC
PFO
PFI
GND
8
7
6
5
706P_03.eps
DIP/SO
MicroSO
Operating
Part Number
Package
Temperature Range Reset Threshold
Reset Polarity
Watchdog Timer
IMP706PCPA
8-Plastic DIP
0°C to +70°C
2.63
HIGH
YES
IMP706PCSA
8-SO
0°C to +70°C
2.63
HIGH
YES
IMP706PCUA
8-MicroSO
0°C to +70°C
2.63
HIGH
YES
IMP706PEPA
8-Plastic DIP
–40°C to +85°C
2.63
HIGH
YES
IMP706PESA
8-SO
–40°C to +85°C
2.63
HIGH
YES
IMP706RCPA
8-Plastic DIP
0°C to +70°C
2.63
LOW
YES
IMP706RCSA
8-SO
0°C to +70°C
2.63
LOW
YES
IMP706RCUA
8-MicroSO
0°C to +70°C
2.63
LOW
YES
IMP706REPA
8-Plastic DIP
–40°C to +85°C
2.63
LOW
YES
IMP706RESA
8-SO
–40°C to +85°C
2.63
LOW
YES
IMP706SCPA
8-Plastic DIP
0°C to +70°C
2.93
LOW
YES
IMP706SCSA
8-SO
0°C to +70°C
2.93
LOW
YES
IMP706SCUA
8-MicroSO
0°C to +70°C
2.93
LOW
YES
IMP706SEPA
8-Plastic DIP
–40°C to +85°C
2.93
LOW
YES
IMP706SESA
8-SO
–40°C to +85°C
2.93
LOW
YES
IMP706TCPA
8-Plastic DIP
0°C to +70°C
3.08
LOW
YES
IMP706TCSA
8-SO
0°C to +70°C
3.08
LOW
YES
IMP706TCUA
8-MicroSO
0°C to +70°C
3.08
LOW
YES
IMP706TEPA
8-Plastic DIP
–40°C to +85°C
3.08
LOW
YES
IMP706TESA
8-SO
–40°C to +85°C
3.08
LOW
YES
IMP706JCPA
8-Plastic DIP
0°C to +70°C
4.00
LOW
YES
IMP706JCSA
8-SO
0°C to +70°C
4.00
LOW
YES
IMP706JCUA
8-MicroSO
0°C to +70°C
4.00
LOW
YES
IMP706JEPA
8-Plastic DIP
–40°C to +85°C
4.00
LOW
YES
IMP706JESA
8-SO
–40°C to +85°C
4.00
LOW
YES
IMP708RCPA
8-Plastic DIP
0°C to +70°C
2.63
Dual: HIGH & LOW
NO
IMP708RCSA
8-SO
0°C to +70°C
2.63
Dual: HIGH & LOW
NO
IMP708RCUA
8-MicroSO
0°C to +70°C
2.63
Dual: HIGH & LOW
NO
IMP708REPA
8-Plastic DIP
–40°C to +85°C
2.63
Dual: HIGH & LOW
NO
IMP708RESA
8-SO
–40°C to +85°C
2.63
Dual: HIGH & LOW
NO
IMP708SCPA
8-Plastic DIP
0°C to +70°C
2.93
Dual: HIGH & LOW
NO
IMP708SCSA
8-SO
0°C to +70°C
2.93
Dual: HIGH & LOW
NO
IMP708SCUA
8-MicroSO
0°C to +70°C
2.93
Dual: HIGH & LOW
NO
IMP708SEPA
8-Plastic DIP
–40°C to +85°C
2.93
Dual: HIGH & LOW
NO
IMP708SESA
8-SO
–40°C to +85°C
2.93
Dual: HIGH & LOW
NO
IMP708TCPA
8-Plastic DIP
0°C to +70°C
3.08
Dual: HIGH & LOW
NO
IMP708TCSA
8-SO
0°C to +70°C
3.08
Dual: HIGH & LOW
NO
IMP708TCUA
8-MicroSO
0°C to +70°C
3.08
Dual: HIGH & LOW
NO
IMP708TEPA
8-Plastic DIP
–40°C to +85°C
3.08
Dual: HIGH & LOW
NO
IMP708TESA
8-SO
–40°C to +85°C
3.08
Dual: HIGH & LOW
NO
IMP708JCPA
8-Plastic DIP
0°C to +70°C
4.00
Dual: HIGH & LOW
NO
IMP708JCSA
8-SO
0°C to +70°C
4.00
Dual: HIGH & LOW
NO
IMP708JCUA
8-MicroSO
0°C to +70°C
4.00
Dual: HIGH & LOW
NO
IMP708JEPA
8-Plastic DIP
–40°C to +85°C
4.00
Dual: HIGH & LOW
NO
IMP708JESA
8-SO
–40°C to +85°C
4.00
Dual: HIGH & LOW
NO



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com