Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA025A Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EPA025A
Description  High Efficiency Heterojunction Power FET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA025A Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPA025A Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA025A Datasheet HTML 2Page - Excelics Semiconductor, Inc. EPA025A Datasheet HTML 3Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Excelics
EPA025A
DATA SHEET
High Efficiency Heterojunction Power FET
•
+22.5dBm TYPICAL OUTPUT POWER
•
11.0dB TYPICAL POWER GAIN AT 18 GHz
•
TYPICAL 0.85dB NOISE FIGURE AND 11.0dB ASSOCIATED
GAIN AT 12GHz
•
0.3 X 250 MICRON RECESSED “MUSHROOM” GATE
•
Si3N4 PASSIVATION
•
ADVANCED EPITAXIAL HETEROJUNCTION
PROFILE PROVIDES EXTRA HIGH POWER
EFFICIENCY, AND HIGH RELIABILITY
•
Idss SORTED IN 5 mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Compression
f=12GHz
Vds=8V, Ids=50% Idss
f=18GHz
21.0
22.5
22.5
dBm
G1dB
Gain at 1dB Compression
f=12GHz
Vds=8V, Ids=50% Idss
f=18GHz
12.0
13.5
11.0
dB
PAE
Gain at 1dB Compression
Vds=8V, Ids=50% Idss
f=12GHz
47
%
NF
Noise Figure
f=12GHz
Vds=2V, Ids=15mA
0.85
dB
Ga
Associated Gain
f=12GHz
Vds=2V, Ids=15mA
11.0
dB
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
40
75
105
mA
Gm
Transconductance
Vds=3V, Vgs=0V
50
80
mS
Vp
Pinch-off Voltage
Vds=3V, Ids=1.0mA
-1.0
-2.5
V
BVgd
Drain Breakdown Voltage Igd=1.0mA
-11
-15
V
BVgs
Source Breakdown Voltage Igs=1.0mA
-7
-14
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
155
oC/W
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
12V
8V
Vgs
Gate-Source Voltage
-8V
-3V
Ids
Drain Current
Idss
90mA
Igsf
Forward Gate Current
12mA
2mA
Pin
Input Power
19dBm
@3dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
880mW
730mW
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998 Web Site: www.excelics.com
Chip Thickness: 75
± 13 microns
All Dimensions In Microns










''
*
*
6
6


Similar Part No. - EPA025A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA025A-70 ETC-EPA025A-70 Datasheet
48Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA025A-70 EXCELICS-EPA025A-70 Datasheet
35Kb / 2P
High Efficiency Heterojunction Power FET
More results

Similar Description - EPA025A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA018BV ETC-EPA018BV Datasheet
47Kb / 2P
High Efficiency Heterojunction Power FET
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com