Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP38C43/D Datasheet(PDF) 1 Page - A1 PROs co., Ltd.

Part # IMP38C43/D
Description  BiiCMOS Currentt--Mode BiiCMOS Currentt--Mode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP38C43/D Datasheet(HTML) 1 Page - A1 PROs co., Ltd.

  IMP38C43/D Datasheet HTML 1Page - A1 PROs co., Ltd. IMP38C43/D Datasheet HTML 2Page - A1 PROs co., Ltd. IMP38C43/D Datasheet HTML 3Page - A1 PROs co., Ltd. IMP38C43/D Datasheet HTML 4Page - A1 PROs co., Ltd. IMP38C43/D Datasheet HTML 5Page - A1 PROs co., Ltd. IMP38C43/D Datasheet HTML 6Page - A1 PROs co., Ltd. IMP38C43/D Datasheet HTML 7Page - A1 PROs co., Ltd. IMP38C43/D Datasheet HTML 8Page - A1 PROs co., Ltd. IMP38C43/D Datasheet HTML 9Page - A1 PROs co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2000 IMP, Inc.
408-432-9100/www.impweb.com
1
IMP38C/HC/42/3/4/5
IMP38C/HC/42/3/4/5
POWER MANAGEMENT
Key Features
N 384x Series Pinout with BiCMOS Technology
N Zero Cross-Conduction Current by Design
N 1MHz Operation
N 65ns Maximum Current-Sense Delay
N 120µA Maximum Start-Up Current
N 1.5mA Maximum Operating Current
N High Output Current Drive
– 1.0A, IMP38HC4x
– 0.5A, IMP38C4x
N 20V Maximum Supply Voltage
N 2.5V, 1%, Trimmed Error Amplifier Reference
N Trimmed Oscillator Discharge Current
N Pin-for-Pin Enhanced Replacements for Micrel
MIC38C/HC4x and GMT38C4x/HC4x
Block Diagrams
BiCMOS Cur
BiCMOS Currrent-Mode
ent-Mode
PWM Contr
PWM Controller
ollerss
–
– 1MHz Oper
1MHz Operation
ation
–
– N
No Cr
o Cros
osss--Conduction Cur
Conduction Currrent
ent
–
– 50ns Cur
50ns Currrent-Sense Dela
ent-Sense Delayy
The IMP38C4x and IMP38HC4x are fixed frequency, high performance,
current-mode PWM controllers that are pin compatible with bipolar 384x
devices but feature improvements resulting from IMP’s BiCMOS
processing and circuit design. Notable among the improvements are zero
cross-conduction/shoot-through current, reduced start-up and operating
current, lower current-sense delay, higher frequency operation, full
supply voltage swing at the output and a 1% trimmed voltage reference.
IMP38C4x and IMP38HC4x output driver stage has zero cross-conduction
current. A proprietary output state-machine monitors each output
MOSFET and guarantees by design zero cross-conduction current. This is
an industry first for 384x PWM devices.
Under-voltage lockout (UVL) performance has been improved. When
the power supply voltage is below the startup voltage, internal circuitry
puts the output into a low impedance state. The output will sink 20mA
and remain below 1.3V, well below the turn-on threshold voltage of the
external MOSFET. Even when VDD drops to zero volts, the out pin will
not rise above approximately 1.3V because the output UVLO circuit is
+
–
EA
OUT
6 (10)
RTCT
4 (7)
COMP
1 (1)
VDD
VREF
5V
Reference
7 (12)
8 (14)
FB
2 (3)
VD
(11)
–
+
+
–
UVLO
+
–
COMP
PGND
(8)
Oscillator
TQ
S
Q
R
1V
R
2R
2.5V
Ref
(
) Pins Are 14-Pin Devices Only
38C/HC_01.eps
+
–
GND 5
AGND (9)
3 (5)
ISNS
Connection Notes
IMP38C4X, IMP38HC4X (8-Pin Devices)
50% Maximum Duty Cycle:
IMP38C44, IMP38HC44, IMP38C45, IMP38HC45
96% Maximum Duty Cycle:
IMP38C42, IMP38HC42, IMP38C43, IMP38HC43


Similar Part No. - IMP38C43/D

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP38C43/D IMP-IMP38C43/D Datasheet
160Kb / 10P
BiCMOS Current-Mode PWM Controllers
More results

Similar Description - IMP38C43/D

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE300509-1 PASTERNACK-PE300509-1 Datasheet
119Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300509-2 PASTERNACK-PE300509-2 Datasheet
119Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300511-1 PASTERNACK-PE300511-1 Datasheet
120Kb / 1P
CABLE ASSEMBLY ST SINGLE MODE TO SC SINGLE MODE & MULTI MODE ,MODE CONDITIONING
PE300511-2 PASTERNACK-PE300511-2 Datasheet
120Kb / 1P
CABLE ASSEMBLY ST SINGLE MODE TO SC SINGLE MODE & MULTI MODE,MODE
PE300511-3 PASTERNACK-PE300511-3 Datasheet
120Kb / 1P
CABLE ASSEMBLY ST SINGLE MODE TO SC SINGEL MODE &MULTI MODE MODE CONDITIONING
PE300521-1 PASTERNACK-PE300521-1 Datasheet
115Kb / 1P
CABLE ASSEMBLY LC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300521-2 PASTERNACK-PE300521-2 Datasheet
115Kb / 1P
CABLE ASSEMBLY LC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300531-3 PASTERNACK-PE300531-3 Datasheet
120Kb / 1P
CABLE ASSEMBLY ST SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX MODE CONDITIONING
PE300533-2 PASTERNACK-PE300533-2 Datasheet
121Kb / 1P
CABLE ASSEMBLY SC SINGLE MODE DUPLEX TO LC SINGLE MODE & MULTI MODE DUPLEX , MODE CONDITIONING
logo
Sanken electric
SI-8050Y SANKEN-SI-8050Y Datasheet
69Kb / 2P
Current Mode Control Step-Switching Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com