Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AI1002 Datasheet(PDF) 2 Page - A1 PROs co., Ltd.

Part # AI1002
Description  Vertical Clock Driver for Camera System
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI1002 Datasheet(HTML) 2 Page - A1 PROs co., Ltd.

  AI1002 Datasheet HTML 1Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 2Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 3Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 4Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 5Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 6Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 7Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 8Page - A1 PROs co., Ltd. AI1002 Datasheet HTML 9Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
PIN DESCRIPTION
Power (15V)
-
VP1
20
High Voltage Output (2 level : VSS, VP1)
O
VSUB
19
Power (− 8.5V)
-
V
SS
18
High Voltage Output (2 level : VP0, VSS)
O
VΦ2
17
High Voltage Output
(3 level : VP0, VSS, VP1)
O
VΦ1
16
Power (0V)
-
VP0
15
High Voltage Output
(3 level : VP0, VSS, VP1)
O
VΦ3
14
High Voltage Output (2 level : VP0, VSS)
O
VΦ4
13
Power (15V)
-
VP1
12
OP-Amp Output
O
DCOUT
11
OP-Amp Input (internal pull-down resistor)
I
DCIN
10
Power of Amp
I
VCP
9
Output Control (VΦ4)
I
XV4
8
Output Control (VΦ3)
I
XSG2
7
Output Control (VΦ3)
I
XV3
6
Output Control (VΦ1)
I
XSG1
5
Output Control (VΦ1)
I
XV1
4
Output Control (VΦ2)
I
XV2
3
Output Control (VSUB)
I
XSUB
2
Ground Control
-
GND
1
Description
I/O
Symbol
Pin
A
i1002
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com