Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AI2152 Datasheet(PDF) 29 Page - A1 PROs co., Ltd.

Part # AI2152
Description  Digital Signal Processor for Color CCD Cameras
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

AI2152 Datasheet(HTML) 29 Page - A1 PROs co., Ltd.

Back Button AI2152 Datasheet HTML 25Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 26Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 27Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 28Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 29Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 30Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 31Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 32Page - A1 PROs co., Ltd. AI2152 Datasheet HTML 33Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
ADDRESS
NAME
BIT
CONTENTS
153
(00B4h)
G2_ADR_1[7:0]
7:0
GPIO2 Mapping Address 1, If Address = 0x00 -> Disable
G2_ADR_1[8]
0
G2_STABIT_1[2:0]
3:1
GPIO2 Mapping Start Bit 1 (0~7)
154
(00B5h)
Reserved
7:4
155
(00B6h)
G2_ADR_2[7:0]
7:0
GPIO2 Mapping Address 2, If Address = 0x00 -> Disable
G2_ADR_2[8]
0
G2_STABIT_2[2:0]
3:1
GPIO2 Mapping Start Bit 2 (0~7)
156
(00B7h)
G2_BITNUM_2[3:0]
7:4
GPIO2 Mapping Bit Num 2 (1~8)
157
(00B8h)
G3_ADR_1[7:0]
7:0
GPIO3 Mapping Address 1, If Address = 0x00 -> Disable
G3_ADR_1[8]
0
G3_STABIT_1[2:0]
3:1
GPIO3 Mapping Start Bit 1 (0~7)
Reserved
7:4
159
(00BAh)
G3_ADR_2[7:0]
7:0
G3_ADR_2[8]
0
G3_STABIT_2[2:0]
3:1
GPIO3 Mapping Start Bit 2 (0~7)
G3_BITNUM_2[3:0]
7:4
GPIO3 Mapping Bit Num 2 (1~8)
15B
(00BCh)
G4_ADR_1[7:0]
7:0
G4_ADR_1[8]
0
G4_STABIT_2[2:0]
3:1
GPIO4 Mapping Start Bit 1 (0~7)
G4_BITNUM_2[3:0]
7:4
GPIO4 Mapping Bit Num 2 (1~8)
15F
(00C0h)
G5_ADR_1[7:0]
7:0
G5_ADR_1[8]
0
G5_STABIT_1[2:0]
3:1
GPIO5 Mapping Start Bit 1 (0~7)
Reserved
7:4
GPIO5 Mapping Address 1, If Address = 0x00 -> Disable
160
(00C1h)
GPIO4 Mapping Address 1, If Address = 0x00 -> Disable
G4_STABIT_1[2:0]
3:1
GPIO4 Mapping Start Bit 2 (0~7)
15C
(00BDh)
Reserved
7:4
G4_ADR_2[8]
0
GPIO4 Mapping Address 2, If Address = 0x00 -> Disable
15E
(00BFh)
GPIO3 Mapping Address 2, If Address = 0x00 -> Disable
15A
(00BBh)
15D
(00BEh)
G4_ADR_2[7:0]
7:0
158
(00B9h)
29
A
i2152



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com