Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP708JCPA Datasheet(PDF) 8 Page - A1 PROs co., Ltd.

Part # IMP708JCPA
Description  3/3..3/4..0V μP Supervisorr Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP708JCPA Datasheet(HTML) 8 Page - A1 PROs co., Ltd.

  IMP708JCPA Datasheet HTML 1Page - A1 PROs co., Ltd. IMP708JCPA Datasheet HTML 2Page - A1 PROs co., Ltd. IMP708JCPA Datasheet HTML 3Page - A1 PROs co., Ltd. IMP708JCPA Datasheet HTML 4Page - A1 PROs co., Ltd. IMP708JCPA Datasheet HTML 5Page - A1 PROs co., Ltd. IMP708JCPA Datasheet HTML 6Page - A1 PROs co., Ltd. IMP708JCPA Datasheet HTML 7Page - A1 PROs co., Ltd. IMP708JCPA Datasheet HTML 8Page - A1 PROs co., Ltd. IMP708JCPA Datasheet HTML 9Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
E
E1
D1
D
eA
eB
C
0
°–15°
A
e
b2
b
A2
L A1
Plastic DIP (8-Pin)a.eps
Plastic DIP (8-Pin)
L
0
°– 8°
C
H
E
e
D
B
A1
A
SO (8-Pin).eps
SO (8-Pin)
e
b
D
E1 E
a
L
C
0.10mm
0.004in
A1
A2
A
MicroSO (8-Pin).eps
MicroSO (8-Pin)
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP706P/R/S/T/J, IMP708R/S/T/J
8
408-432-9100/www.impweb.com
©
1999 IMP, Inc.
s
e
h
c
n
I
s
r
e
t
e
m
il
li
M
n
i
M
x
a
M
n
i
M
x
a
M
*
)
n
i
P
-
8
(
O
S
o
r
c
i
M
A
–
–
–
–
–
3
3
4
0
.
0
–
–
–
–
0
1
.
1
1
A
0
2
0
0
.
0
9
5
0
0
.
0
0
5
0
.
0
5
1
.
0
2
A
5
9
2
0
.
0
4
7
3
0
.
0
5
7
.
0
5
9
.
0
b
8
9
0
0
.
0
7
5
1
0
.
0
5
2
.
0
0
4
.
0
C
1
5
0
0
.
0
1
9
0
0
.
0
3
1
.
0
3
2
.
0
D
2
4
1
1
.
0
0
2
2
1
.
0
0
9
.
2
0
1
.
3
e
C
S
B
6
5
2
0
.
0
C
S
B
5
6
.
0
E
C
S
B
3
9
1
.
0
C
S
B
0
9
.
4
1
E
2
4
1
1
.
0
0
2
2
1
.
0
0
9
.
2
0
1
.
3
L
7
5
1
0
.
0
6
7
2
0
.
0
0
4
.
0
0
7
.
0
a
°
0
°
6
°
0
°
6
*
*
)
n
i
P
-
8
(
O
S
A
3
5
0
.
0
9
6
0
.
0
5
3
.
1
5
7
.
1
1
A
4
0
0
.
0
0
1
0
.
0
0
1
.
0
5
2
.
0
B
3
1
0
.
0
0
2
0
.
0
3
3
.
0
1
5
.
0
C
7
0
0
.
0
0
1
0
.
0
9
1
.
0
5
2
.
0
e
0
5
0
.
0
7
2
.
1
E
0
5
1
.
0
7
5
1
.
0
0
8
.
3
0
0
.
4
H
8
2
2
.
0
4
4
2
.
0
0
8
.
5
0
2
.
6
L
6
1
0
.
0
0
5
0
.
0
0
4
.
0
7
2
.
1
D
9
8
1
.
0
7
9
1
.
0
0
8
.
4
0
0
.
2
*
*
*
)
n
i
P
-
8
(
P
I
D
c
it
s
a
l
P
A
–
–
–
–
–
0
1
2
.
0
–
–
–
–
3
3
.
5
1
A
5
1
0
.
0
–
–
–
–
–
8
3
.
0
–
–
–
–
–
2
A
5
1
1
.
0
5
9
1
.
0
2
9
.
2
5
9
.
4
b
4
1
0
.
0
2
2
0
.
0
6
3
.
0
6
5
.
0
2
b
5
4
0
.
0
0
7
0
.
0
4
1
.
1
8
7
.
1
3
b
0
3
0
.
0
5
4
0
.
0
0
8
.
0
4
1
.
1
D
5
5
3
.
0
0
0
4
.
0
2
0
.
9
6
1
.
0
1
1
D
5
0
0
.
0
–
–
–
–
–
3
1
.
0
–
–
–
–
–
E
0
0
3
.
0
5
2
3
.
0
2
6
.
7
6
2
.
8
1
E
0
4
2
.
0
0
8
2
.
0
0
1
.
6
1
1
.
7
e
0
0
1
.
0
–
–
–
–
–
4
5
.
2
A
e
0
0
3
.
0
–
–
–
–
–
2
6
.
7
B
e
–
–
–
–
–
0
3
4
.
0
–
–
–
–
–
2
9
.
0
1
C
e
–
–
–
–
–
0
6
0
.
0
L
5
1
1
.
0
0
5
1
.
0
2
9
.
2
1
8
.
3
3
t
a
.
2
0
t
_
P
6
0
7
* JEDEC Drawing MO-187AA
** JEDEC Drawing MS-112AA
*** JEDEC Drawing MS-001BA
Package Dimensions



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com