Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMP708JESA Datasheet(PDF) 5 Page - A1 PROs co., Ltd.

Part # IMP708JESA
Description  3/3..3/4..0V μP Supervisorr Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A1PROS [A1 PROs co., Ltd.]
Direct Link  http://www.a1pros.co.kr
Logo A1PROS - A1 PROs co., Ltd.

IMP708JESA Datasheet(HTML) 5 Page - A1 PROs co., Ltd.

  IMP708JESA Datasheet HTML 1Page - A1 PROs co., Ltd. IMP708JESA Datasheet HTML 2Page - A1 PROs co., Ltd. IMP708JESA Datasheet HTML 3Page - A1 PROs co., Ltd. IMP708JESA Datasheet HTML 4Page - A1 PROs co., Ltd. IMP708JESA Datasheet HTML 5Page - A1 PROs co., Ltd. IMP708JESA Datasheet HTML 6Page - A1 PROs co., Ltd. IMP708JESA Datasheet HTML 7Page - A1 PROs co., Ltd. IMP708JESA Datasheet HTML 8Page - A1 PROs co., Ltd. IMP708JESA Datasheet HTML 9Page - A1 PROs co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Pin Number
IMP706P
IMP706R/S/T/J IMP708R/S/T/J
DIP/SO MicroSO DIP/SO MicroSO DIP/SO MicroSO Name
Function
Manual reset input. The active LOW input triggers
a reset pulse. It is pulled HIGH by a 20k
Ω pull-up
1
3
1
3
1
3
MR
resistor. It is compatible with TTL/CMOS signals
when VCC = 5V. It can be shorted to ground
through a mechanical switch. Leave floating or
connect to VCC if the function is not used.
2
4
2
4
2
4
VCC
Monitored power supply input.
3
5
3
5
3
5
GND
Ground
Power-fail input voltage monitor. With PFI less than
4
6
4
6
4
6
PFI
1.25V, PFO goes LOW. Connect PFI to ground
when not used.
Power-fail output. The output is active LOW and
5
7
5
7
5
7
PFO
sinks current when PFI is less than 1.25V. If not
used, leave the pin unconnected.
Watchdog input. WDI controls the internal watchdog
timer. A HIGH or LOW signal for 1.6 sec at WDI
allows the internal timer to run-out, setting WDO low.
6
8
6
8
—
—
WDI
A rising or falling edge must occur at WDI within
1.6 seconds or WDO goes LOW. The watchdog
function is disabled by floating WDI. The internal
watchdog timer clears when: RESET is asserted;
WDI is three-stated; or WDI sees a rising or falling edge.
—
—
—
—
6
8
NC
Not connected.
Active-LOW reset output. Pulses LOW for 200ms
when triggered, and stays LOW whenever VCC is
—
—
7
1
7
1
RESET
below the reset threshold. RESET remains LOW for
200ms after VCC rises above the RESET threshold
or MR goes from HIGH to LOW. A watchdog timeout
will not trigger RESET unless WDO is connected to MR.
Watchdog output. WDO goes LOW when the 1.6
second internal watchdog timer times-out and does
not go HIGH until a transition occurs at WDI. In
8
2
8
2
—
—
WDO
addition, when VCC falls below the reset threshold,
WDO goes LOW. Unlike RESET, WDO does not have
a minimum pulse width and as soon as VCC exceeds
the reset threshold, WDO becomes HIGH with no delay.
7
1
—
—
8
2
RESET
Active-HIGH reset output. RESET is the inverse of
RESET.
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP706P/R/S/T/J, IMP708R/S/T/J
Pin Descriptions
Feature Summary
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
5
IMP706P IMP706R IMP706S IMP706T IMP706J IMP708R IMP708S IMP708T IMP708J
Power-fail detector
s
s
s
s
s
s
s
s
s
Brownout detection
s
s
s
s
s
s
s
s
s
Debounced manual RESET input
s
s
s
s
s
s
s
s
s
Power-up/down RESET
s
s
s
s
s
s
s
s
s
Watchdog timer
s
s
s
s
s
Active-HIGH RESET
s
Active-LOW RESET
s
s
s
s
Active-LOW and HIGH RESETs
s
s
s
s
RESET threshold
2.63V
2.63V
2.93V
3.08V
4.00V
2.63V
2.93V
3.08V
4.00V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com