Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPA240D Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # EPA240D
Description  High Efficiency Heterojunction Power FET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

EPA240D Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  EPA240D Datasheet HTML 1Page - Excelics Semiconductor, Inc. EPA240D Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Excelics
EPA240D
DATA SHEET
High Efficiency Heterojunction Power FET
•
+33dBm TYPICAL OUTPUT POWER
•
20.0 dB TYPICAL POWER GAIN AT 2GHz
•
0.4 X 2400 MICRON RECESSED “MUSHROOM” GATE
•
Si3N4 PASSIVATION
•
ADVANCED EPITAXIAL HETEROJUNCTION
PROFILE PROVIDES EXTRA HIGH POWER
EFFICIENCY, AND HIGH RELIABILITY
•
Idss SORTED IN 60mA PER BIN RANGE
ELECTRICAL CHARACTERISTICS (Ta = 25
OC)
SYMBOLS
PARAMETERS/TEST CONDITIONS
MIN
TYP
MAX
UNIT
P1dB
Output Power at 1dB Compression
f= 2GHz
Vds=8V, Ids=50% Idss
f= 4GHz
31.0
33.0
33.0
dBm
G1dB
Gain at 1dB Compression
f= 2GHz
Vds=8V, Ids=50% Idss
f= 4GHz
18.5
20.0
15.0
dB
PAE
Power Added Efficiency at 1dB Compression
Vds=8V, Ids=50% Idss
f=2GHz
55
%
Idss
Saturated Drain Current
Vds=3V, Vgs=0V
440
720
940
mA
Gm
Transconductance
Vds=3V, Vgs=0V
480
760
mS
Vp
Pinch-off Voltage
Vds=3V, Ids=6mA
-1.0
-2.5
V
BVgd
Drain Breakdown Voltage Igd=2.4mA
-11
-15
V
BVgs
Source Breakdown Voltage Igs=2.4mA
-7
-14
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
23
oC/W
MAXIMUM RATINGS AT 25
OC
SYMBOLS
PARAMETERS
ABSOLUTE
1
CONTINUOUS
2
Vds
Drain-Source Voltage
12V
8V
Vgs
Gate-Source Voltage
-8V
-3V
Ids
Drain Current
Idss
620mA
Igsf
Forward Gate Current
120mA
20mA
Pin
Input Power
30dBm
@ 3dB Compression
Tch
Channel Temperature
175
oC
150
oC
Tstg
Storage Temperature
-65/175
oC
-65/150
oC
Pt
Total Power Dissipation
6.0 W
5.0W
Note: 1. Exceeding any of the above ratings may result in permanent damage.
2. Exceeding any of the above ratings may reduce MTTF below design goals.
Excelics Semiconductor, Inc., 2908 Scott Blvd., Santa Clara, CA 95054
Phone: (408) 970-8664 Fax: (408) 970-8998
Web Site: www.excelics.com
Chip Thickness: 75
± 13 microns
All Dimensions In Microns
104
620
72
155
75
100
94
410
D
G
SS


Similar Part No. - EPA240D

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
EPA240D-100P EXCELICS-EPA240D-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
logo
List of Unclassifed Man...
EPA240D-SOT89 ETC-EPA240D-SOT89 Datasheet
200Kb / 2P
DC-6GHz High Efficiency Heterojunction Power FET
More results

Similar Description - EPA240D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EPA090A ETC-EPA090A Datasheet
41Kb / 2P
High Efficiency Heterojunction Power FET
EPA040A-70 ETC1-EPA040A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
logo
Excelics Semiconductor,...
EPA030C-70 EXCELICS-EPA030C-70 Datasheet
86Kb / 1P
High Efficiency Heterojunction Power FET
EPA030C EXCELICS-EPA030C Datasheet
99Kb / 2P
High Efficiency Heterojunction Power FET
EPA240B-100P EXCELICS-EPA240B-100P Datasheet
44Kb / 1P
High Efficiency Heterojunction Power FET
EPA240D-CP083 EXCELICS-EPA240D-CP083 Datasheet
40Kb / 1P
High Efficiency Heterojunction Power FET
EPA025A EXCELICS-EPA025A Datasheet
48Kb / 3P
High Efficiency Heterojunction Power FET
EPA080A-70 EXCELICS-EPA080A-70 Datasheet
23Kb / 2P
High Efficiency Heterojunction Power FET
EPA120E EXCELICS-EPA120E Datasheet
58Kb / 2P
High Efficiency Heterojunction Power FET
EPA480C EXCELICS-EPA480C Datasheet
28Kb / 2P
High Efficiency Heterojunction Power FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com