Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC15AC Datasheet(PDF) 2 Page - Sensortechnics GmbH

Part # CPC15AC
Description  Precision compensated pressure sensors / mV-output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

CPC15AC Datasheet(HTML) 2 Page - Sensortechnics GmbH

  CPC15AC Datasheet HTML 1Page - Sensortechnics GmbH CPC15AC Datasheet HTML 2Page - Sensortechnics GmbH CPC15AC Datasheet HTML 3Page - Sensortechnics GmbH CPC15AC Datasheet HTML 4Page - Sensortechnics GmbH CPC15AC Datasheet HTML 5Page - Sensortechnics GmbH CPC15AC Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2/6
June 2008 / 613
www.sensortechnics.com
CPC / CPCL Series C-grade
Precision compensated pressure sensors / mV-output
Maximum ratings (for all devices)
Environmental specifications (for all devices)
Supply voltage V
S
3 to 16 V
Temperature range
Compensated
0 to 70 °C
Lead temperature (soldering 5 seconds)
315 °C
Operating
-25 to 85 °C
Storage
-40 to 125 °C
Common mode pressure
50 psig
Humidity limits (non-condensing)
0 to 95 %RH
.
o
n
t
r
a
P
g
n
i
t
a
r
e
p
O
e
r
u
s
s
e
r
p
f
o
o
r
P
e
r
u
s
s
e
r
p
1
t
s
r
u
B
e
r
u
s
s
e
r
p
2
n
a
p
s
e
l
a
c
s
l
l
u
F
3
.
n
i
M.
p
y
T.
x
a
M
.
.
.
4
0
L
C
P
C
H
"
4
2O
i
s
p
3i
s
p
5V
m
3
2V
m
5
2V
m
7
2
.
.
.
0
1
L
C
P
C
H
"
0
1
2O
i
s
p
3i
s
p
5V
m
9
1V
m
0
2V
m
1
2
.
.
.
3
.
0
C
P
Ci
s
p
3
.
0i
s
p
3i
s
p
5V
m
9
1V
m
0
2V
m
1
2
.
.
.
1
0
C
P
Ci
s
p
1i
s
p
3i
s
p
5V
m
7
1V
m
8
1V
m
9
1
.
.
.
5
0
C
P
Ci
s
p
5i
s
p
5
1i
s
p
5
2V
m
7
5V
m
0
6V
m
3
6
.
.
.
5
1
C
P
Ci
s
p
5
1i
s
p
5
4i
s
p
5
7V
m
5
8V
m
0
9V
m
5
9
.
.
.
0
3
C
P
Ci
s
p
0
3i
s
p
0
9i
s
p
0
5
1V
m
5
8V
m
0
9V
m
5
9
.
.
.
0
6
C
P
Ci
s
p
0
6i
s
p
0
8
1i
s
p
0
0
3V
m
5
8V
m
0
9V
m
5
9
.
.
.
0
0
1
C
P
Ci
s
p
0
0
1i
s
p
0
5
2i
s
p
0
0
4V
m
5
9V
m
0
0
1V
m
5
0
1
.
.
.
0
5
1
C
P
Ci
s
p
0
5
1i
s
p
0
5
2i
s
p
0
0
4V
m
5
8V
m
0
9V
m
5
9
PRESSURE SENSOR CHARACTERISTICS
V
S = 12 V, TA = 25°C, pressure applied to port P1
SPECIFICATIONS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com