Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFMA1720-1W Datasheet(PDF) 1 Page - Excelics Semiconductor, Inc.

Part # RFMA1720-1W
Description  17.5 - 20.0 GHz Power Amplifier MMIC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXCELICS [Excelics Semiconductor, Inc.]
Direct Link  
Logo EXCELICS - Excelics Semiconductor, Inc.

RFMA1720-1W Datasheet(HTML) 1 Page - Excelics Semiconductor, Inc.

  RFMA1720-1W Datasheet HTML 1Page - Excelics Semiconductor, Inc. RFMA1720-1W Datasheet HTML 2Page - Excelics Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RFMA1720-1W
ISSUED 06/28/2005
17.5 – 20.0 GHz Power Amplifier MMIC
Specifications are subject to change without notice.
Excelics Semiconductor, Inc. 310 De Guigne Drive, Sunnyvale, CA 94085
page 1 of 2
Phone: 408-737-1711 Fax: 408-737-1868 Web: www.excelics.com
Revised June 2005
-1W-01
RFMA1720
Excelics
FEATURES
•
17.5 – 20 GHz Operating Frequency Range
•
29.0dBm Output Power at 1dB Compression
•
28 dB Typical Power Gain @1dB gain Compression
•
-41dBc Typical OIM3 @ Each Tone Pout 18dBm
APPLICATIONS
•
Point-to-point and point-to-multipoint radio
•
Military Radar Systems
Caution! ESD sensitive device.
ELECTRICAL CHARACTERISTICS (Ta = 25 °C, 50 ohm, Vdd=7V, Vgg=-5V)
SYMBOL
PARAMETER/TEST CONDITIONS
MIN
TYP
MAX
UNITS
F
Operating Frequency Range
17.5
20
GHz
P1dB
Output Power at 1dB Gain Compression
28.0
29.0
dBm
G1dB
Gain @1dB gain compression
25
28
dB
OIMD3
Output 3
rd Order Intermodulation Distortion
@∆f=10MHz, Each Tone Pout 18dBm
-38
-41
dBc
Input RL
Input Return Loss
-12
-8
dB
Output RL
Output Return Loss
-15
-10
dB
Idd
Drain Current
900
1080
mA
Vdd
Drain Voltage
7
8
V
Vgg
Gate Voltage
-5
V
Rth
Thermal Resistance (Au-Sn Eutectic Attach)
7
7.5
oC/W
Tb
Operating Base Plate Temperature
- 30
+ 80
ºC
MAXIMUM RATINGS AT 25°C
SYMBOL
CHARACTERISTIC
ABSOLUTE
CONTINUOUS
Vdd
Drain Supply Voltage
12V
8V
Vgg
Gate Supply Voltage
-8V
-3 V
Idd
Drain Current
Idss
1.9A
Igg
Gate Current
132mA
22 mA
PIN
Input Power
20dBm
@ 3dB compression
TCH
Channel Temperature
175°C
150°C
TSTG
Storage Temperature
-65/175°C
-65/150°C
1. Operating the device beyond any of the above rating may result in permanent damage.


Similar Part No. - RFMA1720-1W

ManufacturerPart #DatasheetDescription
logo
Excelics Semiconductor,...
RFMA1720-1W-Q7 EXCELICS-RFMA1720-1W-Q7 Datasheet
146Kb / 4P
17.7 - 19.7 GHz High-Gain Surface Mounted PA
More results

Similar Description - RFMA1720-1W

ManufacturerPart #DatasheetDescription
logo
Eudyna Devices Inc
FMM5804X EUDYNA-FMM5804X Datasheet
278Kb / 4P
17.5-31.5GHz Power Amplifier MMIC
FMM5805X EUDYNA-FMM5805X Datasheet
2Mb / 4P
17.5-20GHz Power Amplifier MMIC
logo
Hittite Microwave Corpo...
HMC442LC3B HITTITE-HMC442LC3B Datasheet
336Kb / 6P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 25.5 GHz
HMC442LM1 HITTITE-HMC442LM1_07 Datasheet
349Kb / 8P
GaAs PHEMT MMIC MEDIUM POWER AMPLIFIER, 17.5 - 24.0 GHz
logo
Excelics Semiconductor,...
EMP207 EXCELICS-EMP207 Datasheet
164Kb / 3P
17.0 - 20.0 GHz Power Amplifier MMIC
EMP208 EXCELICS-EMP208 Datasheet
138Kb / 3P
17.5 - 20.0 GHz Power Amplifier MMIC
EMP208-P1 EXCELICS-EMP208-P1 Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
EMP209 EXCELICS-EMP209 Datasheet
184Kb / 3P
17.0 - 20.0 GHz Power Amplifier MMIC
RFMA1720-2W EXCELICS-RFMA1720-2W Datasheet
92Kb / 2P
17.50 - 20.0 GHz Power Amplifier MMIC
RFMA1720-0.5W EXCELICS-RFMA1720-0.5W Datasheet
94Kb / 2P
17.5 - 20.0 GHz Power Amplifier MMIC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com