Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP89042 Datasheet(PDF) 6 Page - Aplus Intergrated Circuits

Part # AP89042
Description  Standard CMOS process
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

AP89042 Datasheet(HTML) 6 Page - Aplus Intergrated Circuits

Back Button AP89042 Datasheet HTML 2Page - Aplus Intergrated Circuits AP89042 Datasheet HTML 3Page - Aplus Intergrated Circuits AP89042 Datasheet HTML 4Page - Aplus Intergrated Circuits AP89042 Datasheet HTML 5Page - Aplus Intergrated Circuits AP89042 Datasheet HTML 6Page - Aplus Intergrated Circuits AP89042 Datasheet HTML 7Page - Aplus Intergrated Circuits AP89042 Datasheet HTML 8Page - Aplus Intergrated Circuits AP89042 Datasheet HTML 9Page - Aplus Intergrated Circuits AP89042 Datasheet HTML 10Page - Aplus Intergrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Integrated Circuits Inc.
aP89042
Ver 3.2
May 31, 2007
6
Programmable Options
In both Key Trigger Mode and CPU Parallel Trigger Mode, user can select different trigger functions
and output signals to be sent out from the pins OUT1, OUT2 and OUT3.
Options affect all Voice Group playback are called Whole Chip Options. Options only affect the
playback of individual Voice Group are called Group Options.
Whole Chip Options
• Key or CPU Parallel Trigger Mode.
• Ramp-up-down enable or disable:
When COUT is used for playback, Ramp-up-down should be enabled. This function eliminates
the ‘POP’ noise at the beginning and end of voice playback.
When VOUT1 and VOUT2 are used to drive speaker directly, Ramp-up-down should be
disabled.
Fig. 1 Ramp-up-down Enable
Fig.2 Ramp-up-down Disable
• Output Options:
This option sets up the three output pins OUT1 and OUT2 to send out different signals during
voice playback. Four settings are allowed:
OUT1
OUT2
OUT3
Option 1
LED2
LED1
BUSY
Option 2
STOP
LED1
LED2
Option 3
LED1
BUSY
STOP
Option 4
LED1
BUSY
/BUSY
Note: Stop plus and BUSY must be set to enable in order to have STOP
plus and BUSY high to come out.
Fig. 3 Output waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com