Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

aP89085 Datasheet(PDF) 20 Page - Aplus Intergrated Circuits

Part # aP89085
Description  Standard CMOS process
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits

aP89085 Datasheet(HTML) 20 Page - Aplus Intergrated Circuits

Back Button aP89085 Datasheet HTML 16Page - Aplus Intergrated Circuits aP89085 Datasheet HTML 17Page - Aplus Intergrated Circuits aP89085 Datasheet HTML 18Page - Aplus Intergrated Circuits aP89085 Datasheet HTML 19Page - Aplus Intergrated Circuits aP89085 Datasheet HTML 20Page - Aplus Intergrated Circuits aP89085 Datasheet HTML 21Page - Aplus Intergrated Circuits aP89085 Datasheet HTML 22Page - Aplus Intergrated Circuits aP89085 Datasheet HTML 23Page - Aplus Intergrated Circuits aP89085 Datasheet HTML 24Page - Aplus Intergrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Integrated Circuits Inc.
aP89341/170/085
Ver 3.1
19
Oct 09, 2008
CPU Parallel Mode
Fig. 24 5V CPU Control with COUT
Note:
1. C1 is capacitor from 0.1uF to 4.7uF depends on the kind of Vdd source and sound loudness.
2. Rb is base resistor from 120 Ohm to 390 Ohm depends on Vdd value and transistor gain.
3. T is an NPN transistor with beta larger than 150.
4. Reference value for the above components are C = 2.2uF, Rb = 390 Ohm and T = 8050D.
5. Refer to the Oscillator Resistor Table for suitable value of Rosc.
VDD, AVDD,VPP
VSS,
RST
S8
OUT[1..3]
OSC
0.01uF
C
ROSC
T
COUT
8Ω 1/4W
Speaker
HT7335
S1
S2
S3
VOUT=+3.5V
Addr[0]
Addr[1]
Addr[2]
Addr[7]
I[0..2]
•
•
•
•
•
•
•
•
•
VIN=+5V
Rin = 860KΩ x (VIN-VOUT) / VIN
Rin
3
Rb



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com