Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ACT7807 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74ACT7807
Description  2048 횞 9 CLOCKED FIRST-IN, FIRST-OUT MEMORY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ACT7807 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74ACT7807 Datasheet HTML 2Page - Texas Instruments SN74ACT7807 Datasheet HTML 3Page - Texas Instruments SN74ACT7807 Datasheet HTML 4Page - Texas Instruments SN74ACT7807 Datasheet HTML 5Page - Texas Instruments SN74ACT7807 Datasheet HTML 6Page - Texas Instruments SN74ACT7807 Datasheet HTML 7Page - Texas Instruments SN74ACT7807 Datasheet HTML 8Page - Texas Instruments SN74ACT7807 Datasheet HTML 9Page - Texas Instruments SN74ACT7807 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SN74ACT7807
2048
× 9
CLOCKED FIRST-IN, FIRST-OUT MEMORY
SCAS200D – JANUARY 1991 – REVISED APRIL 1998
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
offset values for AF/AE
The AF/AE flag has two programmable limits: the almost-empty offset value (X) and the almost-full offset
value (Y). They can be programmed after the FIFO is reset and before the first word is written to memory. If the
offsets are not programmed, the default values of X = Y = 256 are used. The AF/AE flag is high when the FIFO
contains X or fewer words or (2048 – Y) or more words.
Program enable (PEN) should be held high throughout the reset cycle. PEN can be brought low only when IR
is high and WRTCLK is low. On the following low-to-high transition of WRTCLK, the binary value on D0–D8 and
WRTEN1/DP9 is stored as the almost-empty offset value (X) and the almost-full offset value (Y). Holding PEN
low for another low-to-high transition of WRTCLK reprograms Y to the binary value on D0–D8 and
WRTEN1/DP9 at the time of the second WRTCLK low-to-high transition. While the offsets are programmed,
data is not written to the FIFO memory, regardless of the state of the write enables (WRTEN1/DP9, WRTEN2).
A maximum value of 1023 can be programmed for either X or Y (see Figure 1). To use the default values of
X = Y = 256, PEN must be held high.
X and Y
MSB
34
RESET
PEN
D0–D8
WRTCLK
WRTEN1/DP9
WRTEN2
IR
X and Y
Y
YMSB
Word 1
Figure 1. Programming X and Y Separately



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com