Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3-R15-10 Datasheet(PDF) 2 Page - Superworld Electronics

Part # C3-R15-10
Description  CERAMIC CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C3-R15-10 Datasheet(HTML) 2 Page - Superworld Electronics

  C3-R15-10 Datasheet HTML 1Page - Superworld Electronics C3-R15-10 Datasheet HTML 2Page - Superworld Electronics C3-R15-10 Datasheet HTML 3Page - Superworld Electronics C3-R15-10 Datasheet HTML 4Page - Superworld Electronics C3-R15-10 Datasheet HTML 5Page - Superworld Electronics C3-R15-10 Datasheet HTML 6Page - Superworld Electronics C3-R15-10 Datasheet HTML 7Page - Superworld Electronics C3-R15-10 Datasheet HTML 8Page - Superworld Electronics C3-R15-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
C3 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
07.08.2008
6. ELECTRICAL CHARACTERISTICS :
15
15
15
15
15
10
10
12
12
12
13
13
13
18
18
18
18
18
18
18
15
18
18
12
15
Q
Min.
10
10
10
12
12
12
50
120.0
0805
C3-R12 -10
Tolerance code :
C3-R47 -10
C3-R39 -10
C3-R33 -10
C3-R27 -10
C3-R22 -10
C3-R18 -10
C3-R15 -10
0805
0805
0805
0805
0805
0805
0805
270.0
470.0
390.0
330.0
220.0
180.0
150.0
50
50
50
50
50
50
50
0805
C3-22N -10
C3-56N -10
C3-68N -10
C3-R10 -10
C3-82N -10
C3-39N -10
C3-47N -10
C3-33N -10
C3-27N -10
0805
0805
0805
0805
0805
0805
0805
0805
C3-18N -10
C3-4N7 -10
C3-8N2 -10
C3-10N -10
C3-5N6 -10
C3-6N8 -10
C3-12N -10
C3-15N -10
0805
0805
0805
0805
0805
0805
0805
0805
100
22.0
56.0
68.0
82.0
100.0
39.0
47.0
33.0
27.0
100
100
100
100
100
100
100
100
10.0
18.0
12.0
15.0
8.2
5.6
6.8
4.7
100
100
100
100
100
100
100
100
Part Number
C3-1N8S-10
C3-1N5S-10
C3-2N7S-10
C3-2N2S-10
C3-3N9 -10
C3-3N3 -10
0805
0805
0805
0805
0805
0805
EIA
Size
1.8
2.2
2.7
3.9
3.3
( nH )
Inductance
1.5
100
100
100
100
100
Frequency
( MHz )
100
Test
500
300
0.95
22
20
17
17
22
23
20
22
1.30
1.50
1.30
1.40
1.20
1.10
1.00
300
300
300
300
300
300
300
300
200
250
250
400
350
500
0.50
23
24
23
23
25
23
23
24
23
0.75
0.80
0.90
0.90
0.65
0.70
0.60
0.55
20
22
24
21
20
21
20
18
0.30
0.45
0.40
0.35
0.28
0.25
0.23
0.20
300
1400
300
300
300
300
300
300
300
300
600
600
800
700
1000
900
1200
1300
300
300
300
300
300
300
300
300
2100
1600
1500
1900
2800
2400
3500
3200
Rated Current
@ 100MHz
18
18
16
18
19
Nom.
21
Q
0.10
0.10
0.10
0.15
0.13
(
)
DCR
Max.
0.10
( MHz )
300
300
300
300
300
( mA )
Max.
300
4000
4000
4000
4000
4000
Min.
4000
SRF
S : ±0.3nH
J : ±5%
K : ±10%
M : ±20%
CERAMIC CHIP INDUCTORS
:
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
1.25
( mm )
±0.2
0.85
Dim. C
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85
0.85



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com