Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3-R10-10 Datasheet(PDF) 5 Page - Superworld Electronics

Part # C3-R10-10
Description  CERAMIC CHIP INDUCTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C3-R10-10 Datasheet(HTML) 5 Page - Superworld Electronics

  C3-R10-10 Datasheet HTML 1Page - Superworld Electronics C3-R10-10 Datasheet HTML 2Page - Superworld Electronics C3-R10-10 Datasheet HTML 3Page - Superworld Electronics C3-R10-10 Datasheet HTML 4Page - Superworld Electronics C3-R10-10 Datasheet HTML 5Page - Superworld Electronics C3-R10-10 Datasheet HTML 6Page - Superworld Electronics C3-R10-10 Datasheet HTML 7Page - Superworld Electronics C3-R10-10 Datasheet HTML 8Page - Superworld Electronics C3-R10-10 Datasheet HTML 9Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
1A
1.5A
3A
2A
6A
5A
4A
4
5
6
2
3
1
0
Derating
Operating Temperature(¢X
C)
125
85
Operating Tem perature(°C)
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 5
07.08.2008
C3 SERIES
Derating Curve
For the ferrite chip bead which withstanding current over 1.5A, as the
operating temperature over 85°C, the derating current information is
necessary to consider with. For the detail derating of current, please
refer to the Derated Current vs. Operating Temperature curve.
not be allowed.
Appearance : Cracking, shipping & any other
defects harmful to the characteristics should
The ferrite should not be damaged by forces
applied on the right condition.
Random Vibration Test
Bending Strength
ITEM
1.0(0.039)
R0.5(0.02)
directions (Total 6 hours).
Amplitude : 1.52mm
Frequency : 10-55-10Hz for 1 min.
Directions & times : X, Y, Z directions for 2 hours.
A period of 2 hours in each of 3 mutually perpendicular
A
PERFORMANCE
TEST CONDITION
Chip
height of 75cm.
Drop 10 times on a concrete floor from a
Drop
No mechanical damage
Appearance : No damage.
Inductance : Within ±10% of initial value.
Temperature
Loading at High
Humidity : 90~95% RH.
Temperature : 60±2°C
Duration : 500±12hrs
Duration : 500±12hrs
Applied Current : rated current
Temperature : 85±5°C
Measured at room temperature after placing for 2 to 3hrs.
Measured at room temperature after placing for 2 to 3hrs.
Humidity
Measured : 100 times
Appearance : No damage.
Phase
Inductance : Within ±10% of initial value.
Low temperature storage test
Thermal Shock
Number of cycles : 100
Step2 : +85±5°C 30±3 min.
Duration : 500±12hrs
Temperature : -55±2°C
Measured at room temperature after placing for 2 to 3hrs.
Measured at room temperature after placing for 2 to 3hrs.
+85±5°C
-40±2°C
2
1
30±3
30±3
For C Series :
Step1 : -40±2°C 30±3 min.
Condition for 1 cycle
Temperature (°C)
Times (min.)
height of 75cm.
Drop 10 times on a concrete floor from a
Drop
No mechanical damage
8. RELIABILITY & TEST CONDITION :
Q : Within ±20% of initial value.
Q : Within ±20% of initial value.
2.5
2.70 (0.106)
7
8
0.80 (0.033)
mm (inches)
1.40 (0.055)
2.00 (0.079)
3
4
5
6
Series name
2
1.0
2.5
0.3
P-Kgf
CERAMIC CHIP INDUCTORS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com