Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C1-R10J-10 Datasheet(PDF) 7 Page - Superworld Electronics

Part # C1-R10J-10
Description  CERAMIC CHIP INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

C1-R10J-10 Datasheet(HTML) 7 Page - Superworld Electronics

  C1-R10J-10 Datasheet HTML 1Page - Superworld Electronics C1-R10J-10 Datasheet HTML 2Page - Superworld Electronics C1-R10J-10 Datasheet HTML 3Page - Superworld Electronics C1-R10J-10 Datasheet HTML 4Page - Superworld Electronics C1-R10J-10 Datasheet HTML 5Page - Superworld Electronics C1-R10J-10 Datasheet HTML 6Page - Superworld Electronics C1-R10J-10 Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 7
26.09.2008
CERAMIC CHIP INDUCTORS
C1 SERIES
2±0.5
t(mm)
R1.0
2±0.5
13.0
±0.8
10-3. Configuration
W
Ø60±2
N(mm)
A(mm)
178±2.0
10±1.5
W(mm)
10000/Reel
Qty (pcs)
Blank
440mm Min.
Ko(mm)
D0(mm)
P0(mm)
P1(mm)
E(mm)
P2(mm)
W(mm)
B(mm)
A(mm)
F(mm)
1.75±0.1
Components
Blank
10 to 20 pitches
110mm or more
End
1.15±0.1
10-2. Leader And Trailer Tape
0.65±0.1
8±0.2
3.5±0.05
1.5
2±0.05
4±0.1
4±0.1
0.8±0.05
Unreeling direction
P2
P1
A
10-1. Carrier Tape Packaging
10. PACKAGING INFORMATION :
D0
P0
t
Leader
t
+0.1
-0
Ko
t(mm)
0.2±0.05
500 to 560mm
Unreeling direction



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com