Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC050BDR4 Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # DC050BDR4
Description  SURSENSETM precision very low pressure sensors / V-output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

DC050BDR4 Datasheet(HTML) 5 Page - Sensortechnics GmbH

  DC050BDR4 Datasheet HTML 1Page - Sensortechnics GmbH DC050BDR4 Datasheet HTML 2Page - Sensortechnics GmbH DC050BDR4 Datasheet HTML 3Page - Sensortechnics GmbH DC050BDR4 Datasheet HTML 4Page - Sensortechnics GmbH DC050BDR4 Datasheet HTML 5Page - Sensortechnics GmbH DC050BDR4 Datasheet HTML 6Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
January 2008 / 564
www.sensortechnics.com
DC Series
SURSENSETM precision very low pressure sensors / V-output
OUTLINE DRAWING
mass: approx. 10 g
dimensions mm (inches)
0 1 2 3 4 5
27,4
(1.08)
0,4
(0.01)
20,3
(0.80)
21,6
(0.85)
27,9
(1.10)
0,5
(0.02)
2,5
(0.10)
6,4
(0.25)
10,7
(0.42)
14,0
(0.55)
12,2
(0.48)
5,3
(0.21)
10,7
(0.42)
Ø 4,8
(0.19)
Ø 3,2
(0.13)
Ø 3,6
(0.14)
DIA 2,0
(0.08)
Port 1
Port 2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com