Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RZUP005DN Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # RZUP005DN
Description  Basic pressure sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RZUP005DN Datasheet(HTML) 3 Page - Sensortechnics GmbH

  RZUP005DN Datasheet HTML 1Page - Sensortechnics GmbH RZUP005DN Datasheet HTML 2Page - Sensortechnics GmbH RZUP005DN Datasheet HTML 3Page - Sensortechnics GmbH RZUP005DN Datasheet HTML 4Page - Sensortechnics GmbH RZUP005DN Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RZU Series
Basic pressure sensors
3/5
E / 11708 / A
www.sensortechnics.com
PHYSICAL DIMENSIONS
Button package
N package
1
t
o
d
r
u
o
l
o
C
e
g
n
a
r
e
r
u
s
s
e
r
P
2
t
o
d
r
u
o
l
o
C
s
e
i
r
e
S
e
u
l
b
t
h
g
i
Li
s
p
5
r
e
v
l
i
SU
Z
R
e
l
p
r
u
Pi
s
p
5
1
e
g
n
a
r
Oi
s
p
0
3
n
w
o
r
b
k
r
a
Di
s
p
0
0
1
Colour codes for Button housing
dimensions in mm (inches)
dimensions in mm (inches)
third angle projection
third angle projection
mass: 1 g
mass: 5 g



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com