Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMOM050GSMP Datasheet(PDF) 3 Page - Sensortechnics GmbH

Part # RMOM050GSMP
Description  Precision compensated pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

RMOM050GSMP Datasheet(HTML) 3 Page - Sensortechnics GmbH

  RMOM050GSMP Datasheet HTML 1Page - Sensortechnics GmbH RMOM050GSMP Datasheet HTML 2Page - Sensortechnics GmbH RMOM050GSMP Datasheet HTML 3Page - Sensortechnics GmbH RMOM050GSMP Datasheet HTML 4Page - Sensortechnics GmbH RMOM050GSMP Datasheet HTML 5Page - Sensortechnics GmbH RMOM050GSMP Datasheet HTML 6Page - Sensortechnics GmbH RMOM050GSMP Datasheet HTML 7Page - Sensortechnics GmbH RMOM050GSMP Datasheet HTML 8Page - Sensortechnics GmbH RMOM050GSMP Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RMO Series
Precision compensated pressure sensors
3/10
www.sensortechnics.com
E / 11711 / A
PERFORMANCE CHARACTERISTICS
(V
S = 12 V, TA = 25°C, pressure applied to port P1)
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
Z
5
.
0
-0
5
.
0
+V
m
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
n
d
e
n
i
b
m
o
C
4
5
2
.
0
±5
.
0
±
S
S
F
%
)
C
°
0
7
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
5
n
a
p
S0
.
1
±
t
e
s
f
f
O5
.
0
±V
m
e
c
n
a
t
s
i
s
e
r
t
u
p
n
I
5
k
Ω
e
c
n
a
t
s
i
s
e
r
t
u
p
t
u
O
3
)
S
S
F
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
H
"
0
1
/
r
a
b
m
5
2
ll
a
2
s
e
c
i
v
e
d
O0
0
5
s
µ
s
e
c
i
v
e
d
r
e
h
t
o
ll
A0
0
1
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
6
6V
Specification notes:
1.
Proof pressure is the maximum pressure which may be applied without causing durable shifts of the electrical parameters
o f the sensing element.
2.
Burst pressure is the maximum pressure which may be applied without causing damage to the sensing element or leaks from
the housing.
3.
Full scale span is the algebraic difference between the output voltage at full-scale pressure and the output at zero pressure.
The span is ratiometric to the supply voltage.
4.
Non-linearity refers to the Best Straight Line fit measured for offset pressure, full-scale pressure and ½ full-scale pressure.
5.
Shift is relative to 25°C. The RMOM010.../RMOH004... have a compensated temperature range from 0 to 50°C.
6.
This is the common-mode voltage of the output arms (pins 2 and 4) for V
S = 12 V.
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
t
e
s
f
f
o
e
r
u
s
s
e
r
p
o
r
e
ZH
M
T
A
0
3
0
P
.
.
.
,
H
D
N
A
0
3
0
P
O
M
R
H
M
T
A
2
0
0
B
.
.
.
,
H
D
N
A
2
0
0
B
O
M
R
0
.
1
-0
0
.
1
+V
m
s
e
c
i
v
e
d
r
e
h
t
o
ll
A5
.
0
-0
5
.
0
+
s
i
s
e
r
e
t
s
y
h
d
n
a
y
t
i
r
a
e
n
il
-
n
o
n
d
e
n
i
b
m
o
C
4
5
2
.
0
±0
.
1
±
S
S
F
%
)
C
°
0
7
o
t
0
(
s
t
c
e
f
f
e
e
r
u
t
a
r
e
p
m
e
T
5
n
a
p
S0
.
2
±
t
e
s
f
f
O0
.
1
±V
m
e
c
n
a
t
s
i
s
e
r
t
u
p
n
I
5
k
Ω
e
c
n
a
t
s
i
s
e
r
t
u
p
t
u
O
3
)
S
S
F
%
0
9
o
t
0
1
(
e
m
i
t
e
s
n
o
p
s
e
R
H
"
0
1
/
r
a
b
m
5
2
o
t
p
u
s
e
c
i
v
e
d
ll
a
2O0
0
5
s
µ
s
e
c
i
v
e
d
r
e
h
t
o
ll
A0
0
1
e
g
a
t
l
o
v
e
d
o
m
n
o
m
m
o
C
6
6V
RMO...P devices (Prime Grade)
RMO...H devices (High Grade)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com