Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDPRO4VCP1S Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # MDPRO4VCP1S
Description  Normally closed proportional solenoid valve
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

MDPRO4VCP1S Datasheet(HTML) 1 Page - Sensortechnics GmbH

  MDPRO4VCP1S Datasheet HTML 1Page - Sensortechnics GmbH MDPRO4VCP1S Datasheet HTML 2Page - Sensortechnics GmbH MDPRO4VCP1S Datasheet HTML 3Page - Sensortechnics GmbH MDPRO4VCP1S Datasheet HTML 4Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MD PRO
Normally closed proportional solenoid valve
1/4
October 2006 / 253
www.sensortechnics.com
FEATURES
· 2-way normally closed
· Offers automated calibration
· Provides repeatability across its
operating range
· Offers a superior combination of value
and performance
· Rated for 10 million life cycles
PHYSICAL PROPERTIES
Operating environment
0 to 60 °C
Storage temperature
-40 to 70 °C
Length
45.3 mm (1.785 in)
Width
16.5 mm (0.625 in)
Height
17 mm (0.67 in)
Porting
1/8" barbs;
manifold mount with 43 µm screen
Weight
63 g (2.2 oz)
Internal volume
0.508 cm3 (0.031 in3)
Filtration (recommended)
43 µm
Lubrication
None required
Oxygen clean
Available on special request
MEDIA COMPATIBILITY
Air, argon, helium, hydrogen, methane, nitrogen,
oxygen & others
ELECTRICAL
Power
max. 2 W
Voltage
max. 5.5, 8, 11.5, 13.5, 20 or 29 V
DC


Similar Part No. - MDPRO4VCP1S

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MDPRO4VCP1S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V365-V06C ETC-V365-V06C Datasheet
57Kb / 2P
3/2 - MICRO SOLENOID VALVE - Normally closed (N.C.)
logo
Sensortechnics GmbH
HFPRO7VAF1O SENSORTECHNICS-HFPRO7VAF1O Datasheet
85Kb / 4P
High flow proportional solenoid valve
LW1BVAF0 SENSORTECHNICS-LW1BVAF0 Datasheet
97Kb / 4P
Normally open proportional solenoid valve
VSONC111VAF0 SENSORTECHNICS-VSONC111VAF0 Datasheet
95Kb / 4P
Normally closed proportional solenoid valve
910000200001 SENSORTECHNICS-910000200001 Datasheet
144Kb / 4P
Normally closed proportional solenoid valve
logo
PIC GmbH
MS-332-7 PIC-MS-332-7 Datasheet
225Kb / 2P
Normally Closed Reed Sensor
logo
IXYS Corporation
PLB171P IXYS-PLB171P Datasheet
122Kb / 5P
Single-Pole, Normally Closed
logo
C&K Components
ATS CK-COMPONENTS-ATS Datasheet
531Kb / 2P
Normally closed function
logo
WAGO Kontakttechnik Gmb...
750-632 WAGO-750-632 Datasheet
606Kb / 11P
Proportional valve module
750-632-000-100 WAGO-750-632-000-100 Datasheet
446Kb / 10P
Proportional valve module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com