Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCC15AD2 Datasheet(PDF) 5 Page - Sensortechnics GmbH

Part # SCC15AD2
Description  Pressure sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SCC15AD2 Datasheet(HTML) 5 Page - Sensortechnics GmbH

  SCC15AD2 Datasheet HTML 1Page - Sensortechnics GmbH SCC15AD2 Datasheet HTML 2Page - Sensortechnics GmbH SCC15AD2 Datasheet HTML 3Page - Sensortechnics GmbH SCC15AD2 Datasheet HTML 4Page - Sensortechnics GmbH SCC15AD2 Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SCC Series
Pressure sensors
5/5
July 2005 / 040
www.sensortechnics.com
SenSym and Sensortechnics reserve the right to make changes to any products herein. SenSym and Sensortechnics do not assume any
liability arising out of the application or use of any product or circuit described herein, neither does it convey any license under its patent
rights nor the rights of others.
ORDERING INFORMATION
e
g
n
a
r
e
r
u
s
s
e
r
P
r
e
b
m
u
n
t
r
a
P
n
o
t
t
u
B
e
g
a
k
c
a
p
e
g
a
k
c
a
p
"
N
"
e
g
a
k
c
a
p
P
I
D
t
r
o
p
e
l
g
n
i
s
e
g
a
k
c
a
p
P
I
D
t
r
o
p
l
a
u
d
e
t
u
l
o
s
b
A
e
r
u
s
s
e
r
p
i
s
p
5
1
.
.
.
0A
5
1
C
C
SN
A
5
1
C
C
S2
D
A
5
1
C
C
S
i
s
p
0
3
.
.
.
0A
0
3
C
C
SN
A
0
3
C
C
S2
D
A
0
3
C
C
S
i
s
p
0
0
1
.
.
.
0A
0
0
1
C
C
SN
A
0
0
1
C
C
S2
D
A
0
0
1
C
C
S
e
g
a
G
e
r
u
s
s
e
r
p
i
s
p
5
.
.
.
0
e
s
u
l
a
i
t
n
e
r
e
f
f
i
d
s
e
c
i
v
e
d
e
s
u
l
a
i
t
n
e
r
e
f
f
i
d
s
e
c
i
v
e
d
2
D
G
5
0
C
C
S
i
s
p
5
1
.
.
.
02
D
G
5
1
C
C
S
i
s
p
0
3
.
.
.
02
D
G
0
3
C
C
S
i
s
p
0
0
1
.
.
.
02
D
G
0
0
1
C
C
S
l
a
i
t
n
e
r
e
f
f
i
D
e
r
u
s
s
e
r
p
i
s
p
5
.
.
.
0D
5
0
C
C
SN
D
5
0
C
C
S4
D
D
5
0
C
C
S
i
s
p
5
1
.
.
.
0D
5
1
C
C
SN
D
5
1
C
C
S4
D
D
5
1
C
C
S
i
s
p
0
3
.
.
.
0D
0
3
C
C
SN
D
0
3
C
C
S4
D
D
0
3
C
C
S
i
s
p
0
0
1
.
.
.
0D
0
0
1
C
C
SN
D
0
0
1
C
C
S4
D
D
0
0
1
C
C
S



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com