Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCC15D Datasheet(PDF) 4 Page - Sensortechnics GmbH

Part # SCC15D
Description  Pressure sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SCC15D Datasheet(HTML) 4 Page - Sensortechnics GmbH

  SCC15D Datasheet HTML 1Page - Sensortechnics GmbH SCC15D Datasheet HTML 2Page - Sensortechnics GmbH SCC15D Datasheet HTML 3Page - Sensortechnics GmbH SCC15D Datasheet HTML 4Page - Sensortechnics GmbH SCC15D Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SCC Series
Pressure sensors
4/5
July 2005 / 040
www.sensortechnics.com
PHYSICAL DIMENSIONS (cont.)
Basic sensor DIP "D4" package
mass: 1 g
dimensions in inches (mm)
mass: 5 g
dimensions in inches (mm)
N package
0.020 typ.
(0.51)
0.110 typ.
(2.79)
0.380
(9.65)
0.285
(7.24)
0.090 typ.
(2.29)
0.470
(11.94)
0.050
typ.
(1.27)
0.550
(13.97)
P2
P1
0.600
(15.24)
0.01
(0.25)
0.100 typ.
(2.54)
0.300
(7.62)
0.070
(1.78)
0.135
(3.43)
0.250
(6.35)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com