Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCC15DN Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # SCC15DN
Description  Pressure sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SCC15DN Datasheet(HTML) 1 Page - Sensortechnics GmbH

  SCC15DN Datasheet HTML 1Page - Sensortechnics GmbH SCC15DN Datasheet HTML 2Page - Sensortechnics GmbH SCC15DN Datasheet HTML 3Page - Sensortechnics GmbH SCC15DN Datasheet HTML 4Page - Sensortechnics GmbH SCC15DN Datasheet HTML 5Page - Sensortechnics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SCC Series
Pressure sensors
1/5
July 2005 / 040
www.sensortechnics.com
P1
GND
+Vs
4
vent hole
out -
4
out +
+Vs
out -
+Vs
1
P2
out +
GND
1
P1
out -
GND
+Vs
1
out +
4
+Vs
P2
+Vs
SCCxxxGD2
SCCxxxAD2
DIP
DIP
SCCxxxD4
DIP
Button Sensor or "N" Package
DIP Package
FEATURES
·
0...5 to 0...100 psi
·
Low cost sensor element
·
Internal temperature
compensation
·
Differential, gage and
absolute
APPLICATIONS
·
Pneumatic controls
·
Automotive diagnostics
·
Medical equipment
·
Dental equipment
·
Environmental controls
ELECTRICAL CONNECTION
The polarity indicated is for pressure applied to
SCC.../SCC...N
:
P1 (forward gage)
SCC...GD2
:
P2 (backward gage)
SCC...ASO/GSO :
P1 (forward gage)
SCC...AD2
:
P1 (forward gage)
SCC...DD4
:
P2 (backward gage)
GENERAL DESCRIPTION
The SCC series offer an extremely low
cost sensor element with a temperature
stable output when driven with a constant
current source. These integrated circuit
sensors were designed for extremely cost
sensitive applications where precise accu-
racy over a wide temperature range is not
required. This series is intended for use
with non-corrosive, non-ionic working fluids
such as air and dry gases.
Absolute devices have an internal vacuum
reference and an output voltage proportio-
nal to applied pressure. The differential de-
vices allow application of pressure to either
side of the diaphragm and the devices are
thereby available to measure both differen-
tial and/or gage pressures.
This product is packaged either in SenSym's
standard low cost chip carrier "button"
package, a plastic ported "N" package or a
dual inline package (DIP). All packages are
designed for applications where the
sensing element is to be integral to the OEM
equipment. These packages can be o-ring
sealed, epoxied, and/or clamped onto a
pressure
fitting.
A
closed
bridge
4-pin SIP configuration is provided for elec-
trical connection to the button package. The
DIP package offer a 5-pin open bridge
configuration.
EQUIVALENT CIRCUIT
Vs
-
Output
+
Output
Vs
+
-
SCC..
button sensor
Scale:
1 cm
½ inch
+VS 3
out - 4
1
GND
out + 2
P1


Similar Part No. - SCC15DN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCC15DN ETC1-SCC15DN Datasheet
288Kb / 5P
Pressure Sensors
logo
Honeywell Accelerometer...
SCC15DN HONEYWELL-ACC-SCC15DN Datasheet
147Kb / 4P
CPX and XPX Cross to NSC Series
More results

Similar Description - SCC15DN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
PRESSURE SENSORS
logo
EPCOS
B58600H8400A037 EPCOS-B58600H8400A037 Datasheet
143Kb / 8P
Pressure sensors
B58601G5010A001 EPCOS-B58601G5010A001 Datasheet
116Kb / 8P
Pressure sensors
B58601H8000A035 EPCOS-B58601H8000A035 Datasheet
138Kb / 8P
Pressure sensors
B58620T0510A001 EPCOS-B58620T0510A001 Datasheet
130Kb / 8P
Pressure sensors
logo
SICK AG
PBT-RB250SG1SEFALA0Z SICK-PBT-RB250SG1SEFALA0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
2016-08-17
PBT-RB400AN1SE0AMA0Z SICK-PBT-RB400AN1SE0AMA0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
PBT-RB1X0SG1SSNVLC0Z SICK-PBT-RB1X0SG1SSNVLC0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
PBT-RB1X0SGTSSNVLC0Z SICK-PBT-RB1X0SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
PBT-RB010SGTSSNVLC0Z SICK-PBT-RB010SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com