Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS641DW Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS641DW
Description  OCTAL BUS TRANSCEIVERS WITH OPEN-COLLECTOR OUTPUTS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AS641DW Datasheet(HTML) 3 Page - Texas Instruments

  SN74AS641DW Datasheet HTML 1Page - Texas Instruments SN74AS641DW Datasheet HTML 2Page - Texas Instruments SN74AS641DW Datasheet HTML 3Page - Texas Instruments SN74AS641DW Datasheet HTML 4Page - Texas Instruments SN74AS641DW Datasheet HTML 5Page - Texas Instruments SN74AS641DW Datasheet HTML 6Page - Texas Instruments SN74AS641DW Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SN74ALS641A, SN74ALS642A, SN74AS641
OCTAL BUS TRANSCEIVERS
WITH OPEN-COLLECTOR OUTPUTS
SDAS300 – MARCH 1995
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
SN74ALS641A
SN74ALS642A
UNIT
MIN
TYP†
MAX
VIK
VCC = 4.5 V,
II = – 18 mA
– 1.5
V
IOH
VCC = 4.5 V,
VOH = 5.5 V
0.1
mA
IOL = 12 mA
0.25
0.4
VOL
VCC = 4.5 V
IOL = 24 mA
0.35
0.5
V
IOL = 48 mA‡
0.35
0.5
II
Control inputs
VCC = 5.5 V,
VI = 7 V
0.1
mA
IIH
Control inputs
VCC =5 5V
VI =2 7V
20
µA
IIH
A or B ports§
VCC = 5.5 V,
VI = 2.7 V
20
µA
IIL
Control inputs
VCC =5 5V
VI =0 4V
– 0.1
mA
IIL
A or B ports§
VCC = 5.5 V,
VI = 0.4 V
– 0.1
mA
SN74ALS641A
VCC =5 5V
Outputs high
25
37
ICC
SN74ALS641A
VCC = 5.5 V
Outputs low
33
47
mA
ICC
SN74ALS642A
VCC =5 5V
Outputs high
8
15
mA
SN74ALS642A
VCC = 5.5 V
Outputs low
18
28
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Applies only to the -1 version and only if VCC is between 4.75 V and 5.25 V
§ For I/O ports, the parameters IIH and IIL include the off-state output current.
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 680 Ω,
TA = MIN to MAX¶
UNIT
(INPUT)
(OUTPUT)
SN74ALS641A
SN74ALS642A
MIN
MAX
MIN
MAX
tPLH
AorB
BorA
5
25
10
30
ns
tPHL
A or B
B or A
3
18
5
22
ns
tPLH
OE
AorB
8
30
10
30
ns
tPHL
OE
A or B
8
30
15
38
ns
tPLH
DIR
AorB
8
32
10
30
ns
tPHL
DIR
A or B
8
32
15
38
ns
¶ For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com