Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX30DN Datasheet(PDF) 1 Page - Sensortechnics GmbH

Part # SX30DN
Description  Pressure sensors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSORTECHNICS [Sensortechnics GmbH]
Direct Link  http://www.sensortechnics.com
Logo SENSORTECHNICS - Sensortechnics GmbH

SX30DN Datasheet(HTML) 1 Page - Sensortechnics GmbH

  SX30DN Datasheet HTML 1Page - Sensortechnics GmbH SX30DN Datasheet HTML 2Page - Sensortechnics GmbH SX30DN Datasheet HTML 3Page - Sensortechnics GmbH SX30DN Datasheet HTML 4Page - Sensortechnics GmbH SX30DN Datasheet HTML 5Page - Sensortechnics GmbH SX30DN Datasheet HTML 6Page - Sensortechnics GmbH SX30DN Datasheet HTML 7Page - Sensortechnics GmbH SX30DN Datasheet HTML 8Page - Sensortechnics GmbH SX30DN Datasheet HTML 9Page - Sensortechnics GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
SX Series
Pressure sensors
1/10
July 2008 / 052
www.sensortechnics.com
SXxxxGD2 DIP
SXxxxAD2
SXxxxD4 DIP
Button sensor or "N" package
Output
Vs
+
-
Vs
-
Output
+
FEATURES
· 0...1 to 0...150 psi
· Absolute, differential
and gage devices
· High impedance bridge
· Low power consumption
for battery operation
APPLICATIONS
· Industrial controls
· Pneumatic controls
· Medical instrumentation
· Barometry
GENERAL DESCRIPTION
The SX series of pressure sensors
provides the most cost effective
method of measuring pressures up
to 150 psi. These sensors were
specifically designed to be used with
non-corrosive and non-ionic media,
such as air and dry gases. Convenient
pressure ranges are available to
measure differential, gage and
absolute pressures from 0 to 1 psi up
to 0 to 150 psi.
The absolute (A) devices have an in-
ternal vacuum reference and an output
voltage proportional to absolute
pressure. The differential (D) devices
allow application of pressure to either
side of the diaphragm and can be
used for gage or differential pressure
measurements.
This product is packaged either in
SenSym's standard low cost chip
carrier "button" package, a plastic
ported "N" package or a dual inline
package (DIP). All packages are
designed for applications where the
sensing element is to be integral to
the OEM equipment. These packages
can be o-ring sealed, epoxied, and/or
clamped onto a pressure fitting.
A closed bridge 4-pin SIP configuration
is provided for electrical connection to
the button or "N" package.
Because of its high-impedance
bridge, the SX series is ideal for
portable and low power or battery
opera-ted systems. Due to its low
noise, the SX is an excellent choice
for
medical
and
low
pressure
measurements.
The polarity indicated is for pressure applied to:
SX...
:
P1 (forward gage)
SX...AD2
:
P1 (forward gage)
SX...GD2
:
P2 (backward gage)
SX...DD4
:
P2 (backward gage)
ELECTRICAL CONNECTION
Button sensor
+VS 3
out - 4
1
GND
out + 2
P1
DIP package
EQUIVALENT CIRCUIT
P1
GND
+Vs
4
vent hole
out -
4
out +
+Vs
out -
+Vs
1
P2
out +
GND
1
P1
out -
GND
+Vs
1
out +
4
+Vs
P2
+Vs


Similar Part No. - SX30DN

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
SX30DN HONEYWELL-ACC-SX30DN Datasheet
147Kb / 4P
CPX and XPX Cross to NSC Series
More results

Similar Description - SX30DN

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
PRESSURE SENSORS
logo
EPCOS
B58600H8400A037 EPCOS-B58600H8400A037 Datasheet
143Kb / 8P
Pressure sensors
B58601G5010A001 EPCOS-B58601G5010A001 Datasheet
116Kb / 8P
Pressure sensors
B58601H8000A035 EPCOS-B58601H8000A035 Datasheet
138Kb / 8P
Pressure sensors
B58620T0510A001 EPCOS-B58620T0510A001 Datasheet
130Kb / 8P
Pressure sensors
logo
SICK AG
PBT-RB250SG1SEFALA0Z SICK-PBT-RB250SG1SEFALA0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
2016-08-17
PBT-RB400AN1SE0AMA0Z SICK-PBT-RB400AN1SE0AMA0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
PBT-RB1X0SG1SSNVLC0Z SICK-PBT-RB1X0SG1SSNVLC0Z Datasheet
848Kb / 7P
PRESSURE SENSORS
PBT-RB1X0SGTSSNVLC0Z SICK-PBT-RB1X0SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
PBT-RB010SGTSSNVLC0Z SICK-PBT-RB010SGTSSNVLC0Z Datasheet
839Kb / 6P
PRESSURE SENSORS
2016-08-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com