Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALVC00D Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74ALVC00D
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74ALVC00D Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALVC00D Datasheet HTML 1Page - Texas Instruments SN74ALVC00D Datasheet HTML 2Page - Texas Instruments SN74ALVC00D Datasheet HTML 3Page - Texas Instruments SN74ALVC00D Datasheet HTML 4Page - Texas Instruments SN74ALVC00D Datasheet HTML 5Page - Texas Instruments SN74ALVC00D Datasheet HTML 6Page - Texas Instruments SN74ALVC00D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SN74ALVC00
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SCES115C – JULY 1997 – REVISED AUGUST 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D EPIC™ (Enhanced-Performance Implanted
CMOS) Submicron Process
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D Package Options Include Plastic
Small-Outline (D), Thin Very Small-Outline
(DGV), and Thin Shrink Small-Outline (PW)
Packages
description
This quadruple 2-input positive-NAND gate is designed for 1.65-V to 3.6-V VCC operation.
The SN74ALVC00 performs the Boolean function Y = A
• B or Y = A + B in positive logic.
The SN74ALVC00 is characterized for operation from –40
°C to 85°C.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
Y
H
H
L
L
XH
X
L
H
logic symbol†
1
1A
2
1B
1Y
3
4
2A
5
2B
2Y
6
9
3A
10
3B
3Y
8
12
4A
13
4B
4Y
11
&
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
logic diagram, each gate (positive logic)
A
B
Y
Copyright
© 1998, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments Incorporated.
D, DGV, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y


Similar Part No. - SN74ALVC00D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALVC00D TI-SN74ALVC00D Datasheet
725Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00D TI-SN74ALVC00D Datasheet
754Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00D TI2-SN74ALVC00D Datasheet
595Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
REVISED AUGUST 2004
SN74ALVC00D.B TI2-SN74ALVC00D.B Datasheet
595Kb / 18P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
REVISED AUGUST 2004
SN74ALVC00DE4 TI-SN74ALVC00DE4 Datasheet
725Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results

Similar Description - SN74ALVC00D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11000 TI-74AC11000 Datasheet
76Kb / 5P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
REVISED APRIL 1996
SN74AUC00 TI-SN74AUC00_07 Datasheet
548Kb / 11P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_07 Datasheet
725Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74ALVC00 TI-SN74ALVC00_08 Datasheet
754Kb / 16P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Potato Semiconductor Co...
PO54G00A POTATO-PO54G00A Datasheet
554Kb / 6P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
logo
Texas Instruments
SN74ALVC00-EP TI1-SN74ALVC00-EP Datasheet
308Kb / 9P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN74LVC00A-Q1 TI1-SN74LVC00A-Q1 Datasheet
217Kb / 10P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
74AC11000 TI1-74AC11000_12 Datasheet
625Kb / 13P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
SN54HC00-DIE TI1-SN54HC00-DIE Datasheet
81Kb / 6P
Quadruple 2-Input Positive-NAND Gate
SN74ALVC00-Q1 TI1-SN74ALVC00-Q1_15 Datasheet
769Kb / 12P
QUADRUPLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com