Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2216 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2216
Description  16-Bit, 80Msps/65Msps Low Noise ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2216 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2216 Datasheet HTML 10Page - Linear Technology LTC2216 Datasheet HTML 11Page - Linear Technology LTC2216 Datasheet HTML 12Page - Linear Technology LTC2216 Datasheet HTML 13Page - Linear Technology LTC2216 Datasheet HTML 14Page - Linear Technology LTC2216 Datasheet HTML 15Page - Linear Technology LTC2216 Datasheet HTML 16Page - Linear Technology LTC2216 Datasheet HTML 17Page - Linear Technology LTC2216 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LTC2216/LTC2215
14
22165f
LTC2215 64k Point FFT,
fIN = 28.7MHz, –1dBFS
LTC2215 64k Point 2–Tone FFT,
fIN = 14.25MHz and 21.5MHz,
–25dBFS, Dither “On”
LTC2215 SFDR vs Input Level,
fIN = 15.2MHz, Dither “Off”
LTC2215 SFDR vs Input Level,
fIN = 15.2MHz, Dither “On”
LTC2215 SFDR vs Input Level,
fIN = 70.5MHz, Dither “Off”
TYPICAL PERFORMANCE CHARACTERISTICS
LTC221564k Point FFT,
fIN = 70.1MHz, –20dBFS,
Dither “On”
LTC2215 64k Point FFT,
fIN = 70.1MHz, –20dBFS,
Dither “Off”
LTC2215 SNR vs Input Level,
fIN = 15.2MHz
LTC2215 64k Point FFT,
fIN = 70.2MHz, –1dBFS
22165 G51
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
010
20
30
22165 G52
30
40
50
60
70
80
90
100
110
120
130
140
INPUT LEVEL (dBFS)
–80 –70 –60 –50 –40
–20
–30
–10
0
22165 G53
30
40
50
60
70
80
90
100
110
120
130
140
INPUT LEVEL (dBFS)
–80 –70 –60 –50 –40
–20
–30
–10
0
22165 G54
78
79
80
81
82
INPUT LEVEL (dBFS)
–80 –70 –60 –50 –40
–20
–30
–10
0
22165 G55
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
102030
22165 G56
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
010
20
30
22165 G57
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
102030
22165 G58
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
FREQUENCY (MHz)
0
102030
22165 G59
30
40
50
60
70
80
90
100
110
120
130
140
INPUT LEVEL (dBFS)
–80 –70 –60 –50 –40
–20
–30
–10
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com