Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2228 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2228
Description  12-Bit, 65/40/25Msps Low Power 3V ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2228 Datasheet(HTML) 4 Page - Linear Technology

  LTC2228 Datasheet HTML 1Page - Linear Technology LTC2228 Datasheet HTML 2Page - Linear Technology LTC2228 Datasheet HTML 3Page - Linear Technology LTC2228 Datasheet HTML 4Page - Linear Technology LTC2228 Datasheet HTML 5Page - Linear Technology LTC2228 Datasheet HTML 6Page - Linear Technology LTC2228 Datasheet HTML 7Page - Linear Technology LTC2228 Datasheet HTML 8Page - Linear Technology LTC2228 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LTC2228/LTC2227/LTC2226
4
222876fb
DYNAMIC ACCURACY The l denotes the specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. AIN = –1dBFS. (Note 4)
SYMBOL PARAMETER
CONDITIONS
LTC2228
LTC2227
LTC2226
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
SFDR
Spurious Free
Dynamic Range
4th Harmonic
or Higher
5MHz Input
95
95
95
dB
12.5MHz Input
l
82
95
dB
20MHz Input
l
82
95
dB
30MHz Input
l
82
95
dB
70MHz Input
95
95
95
dB
140MHz Input
90
90
90
dB
S/(N+D)
Signal-to-Noise
Plus Distortion
Ratio
5MHz Input
71.3
71.4
71.4
dB
12.5MHz Input
l
69.8
71.2
dB
20MHz Input
l
69.7
71.2
dB
30MHz Input
l
69.6
71.2
dB
70MHz Input
71.1
70.9
70.8
dB
140MHz Input
69.9
69.9
69.8
dB
IMD
Intermodulation
Distortion
fIN1 = 28.2MHz,
fIN2 = 26.8MHz
90
90
90
dB
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCM Output Voltage
IOUT = 0
1.475
1.500
1.525
V
VCM Output Tempco
±25
ppm/°C
VCM Line Regulation
2.7V < VDD < 3.4V
3
mV/V
VCM Output Resistance
–1mA < IOUT < 1mA
4
Ω
INTERNAL REFERENCE CHARACTERISTICS (Note 4)
DIGITAL INPUTS AND DIGITAL OUTPUTS The l denotes the specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 4)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
LOGIC INPUTS (CLK, OE, SHDN)
VIH
High Level Input Voltage
VDD = 3V
l
2V
VIL
Low Level Input Voltage
VDD = 3V
l
0.8
V
IIN
Input Current
VIN = 0V to VDD
l
–10
10
μA
CIN
Input Capacitance
(Note 7)
3
pF
LOGIC OUTPUTS
OVDD = 3V
COZ
Hi-Z Output Capacitance
OE = High (Note 7)
3
pF
ISOURCE
Output Source Current
VOUT = 0V
50
mA
ISINK
Output Sink Current
VOUT = 3V
50
mA
VOH
High Level Output Voltage
IO = –10μA
IO = –200μA
l
2.7
2.995
2.99
V
V
VOL
Low Level Output Voltage
IO = 10μA
IO = 1.6mA
l
0.005
0.09
0.4
V
V
OVDD = 2.5V
VOH
High Level Output Voltage
IO = –200μA
2.49
V
VOL
Low Level Output Voltage
IO = 1.6mA
0.09
V
OVDD = 1.8V
VOH
High Level Output Voltage
IO = –200μA
1.79
V
VOL
Low Level Output Voltage
IO = 1.6mA
0.09
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com