Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDB1704331MZF Datasheet(PDF) 3 Page - Superworld Electronics

Part # PDB1704331MZF
Description  POWER TRANSFORMER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDB1704331MZF Datasheet(HTML) 3 Page - Superworld Electronics

  PDB1704331MZF Datasheet HTML 1Page - Superworld Electronics PDB1704331MZF Datasheet HTML 2Page - Superworld Electronics PDB1704331MZF Datasheet HTML 3Page - Superworld Electronics PDB1704331MZF Datasheet HTML 4Page - Superworld Electronics PDB1704331MZF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
12.05.2008
SMD POWER INDUCTORS
PDB1704 SERIES
7. CHARACTERISTICS CURVES :
4
3
2
1
0
2
10
0
5
310
5
3
10
1
3 5
10-1
5
3
-2
10
FREQUENCY(MHZ)
3
-1
10
5
0
10
1R2M
10
-1
5
3
2
10
5
3
1
10
5
3
10
0
3 5
10-2
5
3
-3
10
3
10
5
3
DC CURRENT (A)
3
-1
10
5
0
10
1R2M
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
10
330M
(uH)
3
5
1
10
3
100M
10
L
5
2
5
3
101M
331M
5
3
3
4
10
10
330M
(uH)
3
5
1
10
3
100M
10
5
L
2
101M
5
3
331M
5
3
3
4
10
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
DC CURRENT (A)
90
330M
(°C)
20
10
0
30
40
70
t
50
60
80
331M 101M
100M
1R2M
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com