Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDC0502 Datasheet(PDF) 3 Page - Superworld Electronics

Part # PDC0502
Description  SMD POWER INDUCTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC0502 Datasheet(HTML) 3 Page - Superworld Electronics

  PDC0502 Datasheet HTML 1Page - Superworld Electronics PDC0502 Datasheet HTML 2Page - Superworld Electronics PDC0502 Datasheet HTML 3Page - Superworld Electronics PDC0502 Datasheet HTML 4Page - Superworld Electronics PDC0502 Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
01.05.2008
SMD POWER INDUCTORS
PDC0502 SERIES
7. CHARACTERISTICS CURVES :
8
7
6
5
4
3
2
1
0 0
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
101M
2
10
10
FREQUENCY(MHZ)
-1
10
-1
-2
3
10
5
3
10
5
5
3
0
2
1
10
10
3 5
3
10
5
3
1
10
0
5
3
1R0M
5
L
3
(uH)
100M
4
3
10
3
5
561M
221M
10
3
5
101M
2
10
DC CURRENT (A)
10
10
5
3
3
10
5
-1
-1
-2
-3
10
5
3
10
10
5
3
5
10
5
3
3
L
(uH)
1
1R0M
0
100M
2
1
0
5
3
10
3 5
10
5
3
10
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
4
10
3
5
10
3
5
3
561M
221M
DC CURRENT (A)
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
70
10
30
20
(°C)
50
40
t
60
221M
561M
80
101M
90
100M
1R0M



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com