Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDC1040C Datasheet(PDF) 3 Page - Superworld Electronics

Part # PDC1040C
Description  SMD Power Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

PDC1040C Datasheet(HTML) 3 Page - Superworld Electronics

  PDC1040C Datasheet HTML 1Page - Superworld Electronics PDC1040C Datasheet HTML 2Page - Superworld Electronics PDC1040C Datasheet HTML 3Page - Superworld Electronics PDC1040C Datasheet HTML 4Page - Superworld Electronics PDC1040C Datasheet HTML 5Page - Superworld Electronics PDC1040C Datasheet HTML 6Page - Superworld Electronics PDC1040C Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
18.04.2008
PG. 3
SUPERWORLD ELECTRONICS (S) PTE LTD
PDC1040C SERIES
SMD Power Inductors (Lead Free)
7. CHARACTERISTICS CURVES :
03
6
9
12
DC CURRENT(A)
0
0.5
1
1.5
2
0
5
10
15
20
25
30
35
40
TPC104DR-1R0
PDC1040C-1R0YF
02
4
6
8
10
DC CURRENT(A)
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
30
35
40
TPC104DR-1R5
PDC1040C-1R5YF
02
4
6
8
DC CURRENT(A)
0
0.8
1.6
2.4
3.2
4
0
5
10
15
20
25
30
35
40
TPC104DR-2R5
PDC1040C-2R5YF
01.5
3
4.5
6
DC CURRENT(A)
0
2
4
6
0
5
10
15
20
25
30
35
40
TPC104DR-3R8
PDC1040C-3R8YF
0
12345
67
DC CURRENT(A)
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
TPC104DR-4R7
PDC1040C-4R7YF
0
1.1
2.2
3.3
4.4
5.5
DC CURRENT(A)
0
2
4
6
8
0
5
10
15
20
25
30
35
40
TPC104DR-5R2
PDC1040C-5R2YF
NOTE : Specifications subject to change without notice. Please check our website for latest information.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com