Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPS-43-48H-HP-RDE Datasheet(PDF) 2 Page - Source Photonics, Inc.

Part # SPS-43-48H-HP-RDE
Description  1490nm/1310nm Single Fiber OLT Transceiver Preliminary Datasheet
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SOURCE [Source Photonics, Inc.]
Direct Link  http://www.sourcephotonics.com
Logo SOURCE - Source Photonics, Inc.

SPS-43-48H-HP-RDE Datasheet(HTML) 2 Page - Source Photonics, Inc.

  SPS-43-48H-HP-RDE Datasheet HTML 1Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 2Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 3Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 4Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 5Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 6Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 7Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 8Page - Source Photonics, Inc. SPS-43-48H-HP-RDE Datasheet HTML 9Page - Source Photonics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
1490nm/1310nm Single Fiber OLT Transceiver
Preliminary Datasheet
SPS-43-48H-HP-xDE (x=C, R, T)
20550 Nordhoff St. • Chatsworth, CA 91311 • tel: 818.773.9044 • fax: 818.576.9486
9F, No 81, Shui Lee Rd. • Hsinchu, Taiwan, R.O.C. • tel: 886.3.5169222 • fax: 886.3.5169213
LUMNDS2036-FEB1108
rev. 0.2 SHORT FORM
LUMINENTOIC.COM
Parameter
Symbol
Min
Typical
Max
Unit
Input Differential Impedence
Rin
80
100
120
Ω
Single Ended data input swing (ac coupled inside module)
Vin, p-p
300
-
1200
mV
Tx Disable (LVTTL)
Vd
2
-
Vcc
V
Tx Enable (LVTTL)
Ven
0
-
0.8
V
Tx_Fail_High
V_Fail
2.4
-
Vcc
V
Tx_Fail_Normal
V_Normal
0
-
0.4
V
Transmitter Specifications (Electrical)
Receiver Specifications (Electrical)
Receiver Specifications (Optical)
Parameter
Symbol
Min
Typical
Max
Unit
Wavelength
λ
1260
1310
1360
nm
Data Rate (burst-mode)
-
1244
-
Mbps
Receiver Sensitivityc
RENS
-
-
-28
dBm
Receiver Overloadc
ROL
-8
-
-
dBm
Receiver Burst-mode Dynamic Ranged
15
20
-
dB
BRST_Det Assert (Signal Detected)
P_DET
-
-
-28
dBm
Receiver CID Tolerance
CID
72
-
-
bits
Damage Threshold for Receiver
Pin, damage
3
-
-
dBm
Maximum Reflectance of Receiver
RX_r
-
-
-20
dB
c) At 10-10 BER with PRBS 223-1 data
d) The input power difference between two subsequent high and low burst data.
e) 20% to 80% values
f) BRST_Det assert low when module receive “reset” signal, assert high when incoming burst is detected and latch to high state until next
“Reset” signal.
Parameter
Symbol
Min
Typical
Max
Unit
PECL Single ended data output swing(LVPECL)
Vout,p-p
250
-
800
mV
Data output rise timee
tr
-
250
-
ps
Data output fall timee
tf
-
250
-
ps
BRST_Det_Highf
V_DETH
2.4
-
Vcc
V
BRST_Det_Lowf
V_DETL
0
-
0.4
V
BRST_Det Response Time
T_BRST_Det
-
-
6.4
nS
Parameter
Symbol
Min
Typical
Max
Unit
RSSI Trigger Delayg
TTrigger
25
-
-
nS
RSSI Sampling Timeg
RSSISample
300
-
-
nS
Internal I2C Delayg
TI2C
-
-
500
µS
Reciever Power DDM (RSSI) Errorh
RXDDM
-
-
+/- 3
dB
Digital RSSI Timing Specification
g) RSSI_ACQ Input signal rising edge will trigger RSSI sampling, and falling edge will trigger internal digital RSSI information written to I2C.
It is recommended that host shall not trigger RSSI_ACQ input again until RSSI data is valid in I2C from previous RSSI trigger.
h) RSSI DDM working range is between -8 to -30 dBm. RSSI DDM accuracy is better than +/- 3dB for input power levels between -10 to -30 dBm,
the accuracy reduces to +/- 5dBm for power levels larger than -10dBm.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com