Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDB1204331MZF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SDB1204331MZF
Description  SMD POWER INDUCTORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDB1204331MZF Datasheet(HTML) 3 Page - Superworld Electronics

  SDB1204331MZF Datasheet HTML 1Page - Superworld Electronics SDB1204331MZF Datasheet HTML 2Page - Superworld Electronics SDB1204331MZF Datasheet HTML 3Page - Superworld Electronics SDB1204331MZF Datasheet HTML 4Page - Superworld Electronics SDB1204331MZF Datasheet HTML 5Page - Superworld Electronics SDB1204331MZF Datasheet HTML 6Page - Superworld Electronics SDB1204331MZF Datasheet HTML 7Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
07.05.2008
SMD POWER INDUCTORS
SDB1204 SERIES
7. CHARACTERISTICS CURVES :
@ TEMP. RISE VS. DC SUPERPOSITION RESPONSE CURVE
DC CURRENT (A)
@ INDUCTANCE VS. FREQUENCY RESPONSE CURVE
FREQUENCY(MHZ)
330M
3
(uH)
0
10
3
-3
10
3
10-2
5
1
5
3
10
4R7M
100M
L
5
2
10
5
3
101M
331M
3
10
10-1
53
3
100
53
1
10
5
2
10
5
20
0
10
1
0
50
40
30
(°C)
t
24
3
331M
80
70
60
90
101M
330M
10
@ INDUCTANCE VS. DC SUPERPOSITION RESPONSE CURVE
DC CURRENT (A)
330M
3
(uH)
-3
0
10
10
1
5
3
10
10
5
35
3
-2
4R7M
100M
5
2
10
5
3
L
3
10
101M
331M
10
10
-1 35
5
3
0
2
10
5
3
1
57
69
8
100M
4R7M



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com