Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND4RA Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND4RA
Description  GaAlAs Ultra Bright Red Light Emission Surface Mount Package
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND4RA Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND4RA Datasheet HTML 1Page - Purdy Electronics Corporation AND4RA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
6/12/07
AND4RA
Ultra Bright LED Lamps: Type 2
Weight: 2.0 mg
Unit: mm
1.25
R0.2
Anode
Index
Polarity
1.1
0.6
AND4RA
GaAlAs Ultra Bright Red Light Emission
Surface Mount Package
Features
• Small package size
• 2.0 (l) x 1.25 (w) x 1.1 (h) size
• Suitable for DIP and REFLOW soldering
• Recommended Forward Current: 10 mA
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
40
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
110
mW
Operating Temperature Range
TOpr
-40 to 85
°C
Storage Temperature Range
TSig
-40 to 90
°C
Precaution
Please be careful of the following:
1. Manual soldering: maximum temperature of iron tip: 260°C max.
Soldering time: within 5 sec. per solder-land
Soldering portion of lead: up to 1.6 mm from the body of the device
2. Reflow solder: recommended condition is as follows:
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
–1.7
2.4
V
Reverse Current
IR
VR = 5 V
–
–
10
µA
Luminous Intensity
IV
IF = 20 mA
20
40
–
mcd
Peak Emission Wavelength
lP
IF = 20 mA
–
660
–
nm
Spectral Line Half Width
∆λ
IF = 20 mA
–20–
nm
Dominant Wavelength
λd
IF = 20 mA
–
643
–
nm
Full Viewing Angle
θ
IV = 1/2 Peak
–
140
–
degree
more than 2 min.
230
°C max.
140 - 160
°C
10 sec. max.
Time
4
°C/sec.
max.
1.2
0.9
1.2
Reflow
The following soldering patterns are
recommended for reflow soldering
Product specifications contained herein may be changed without prior
notice. It is therefore advisable to contact Purdy Electronics before
proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND4RA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4RRA PURDY-AND4RRA Datasheet
102Kb / 2P
InGaAIP High Brightness Red Chip LED with Right Angle Lens on Surface Mount Package
More results

Similar Description - AND4RA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4BA PURDY-AND4BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND4GA PURDY-AND4GA Datasheet
83Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND4OA PURDY-AND4OA Datasheet
51Kb / 2P
InGaAlP Ultra Bright Orange Light Emission Surface Mount Package
AND4SA PURDY-AND4SA Datasheet
88Kb / 2P
GaAsP Bright Red Light Emission Surface Mount Package
AND5BA PURDY-AND5BA Datasheet
61Kb / 2P
GaN Ultra Bright Blue Light Emission Surface Mount Package
AND5BB PURDY-AND5BB Datasheet
97Kb / 2P
InGaN Ultra Bright Blue Light Emission Surface Mount Package
AND5G PURDY-AND5G Datasheet
54Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5GA PURDY-AND5GA Datasheet
51Kb / 2P
GaP Ultra Bright Green Light Emission Surface Mount Package
AND5RA PURDY-AND5RA Datasheet
51Kb / 2P
GaAlAs Ultra Bright Red Light Emission Surface Mount Package
AND5SA PURDY-AND5SA Datasheet
55Kb / 2P
GaAsP Bright Red Light Emission Surface Mount Package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com