Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND6GA Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND6GA
Description  InGaN Ultra Bright Green Top LEDS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND6GA Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND6GA Datasheet HTML 1Page - Purdy Electronics Corporation AND6GA Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
7/18/07
www.purdyelectronics.com
AND6GA
Ultra Bright LED Lamps: Type 2
Weight: 2.0 mg
Unit: mm
AND6GA
InGaN Ultra Bright Green Top LEDS
Features
• P-LLC-2 package with optical indicator
• Low (2mA) current operation
• Wide viewing angle
• Inter reflector
• Suitable for vapor phase refow, infrared reflow, and
wave solder processes
• Compatible w/automatic placement equipment
• Ideal for (LCD) backlight and light pipe applications
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
30
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
120
mW
Operating Temp. Range
TOpr
-40 to 85
°C
Storage Temp. Range
TStg
-40to 90
°C
Precaution
Please be careful of the following:
1. Manual soldering: maximum temperature of iron tip: 260°C max.
Soldering time: within 5 sec. per solder-land
Soldering portion of lead: up to 1.6 mm from the body of the device
2. Reflow solder: recommended condition is as follows:
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 20 mA
3.1
3.5
3.8
V
Reverse Current
IR
VR = 5 V
–
–
10
µA
Luminous Intensity
IV
IF = 20 mA
110
170
–
mcd
Peak Emission Wavelength
lP
IF = 20 mA
–
525
–
nm
Spectral Line Half Width
∆l
IF = 20 mA
–45–
nm
Dominant Wavelength
ld
IF = 20 mA
–
530
–
nm
Full Viewing Angle
2 q 1/2
IF = 20 mA
–
120
–
degree
more than 2 min.
230
°C max.
140 - 160
°C
10 sec. max.
Time
4
°C/sec.
max.
3. Absolute secure counter measures against
static electricity and surge should be taken
when handling these products. It is
recommended to use wrist band or antistatic
gloves when handling these LEDs.
Product specifications contained herein may be changed
without prior notice. It is therefore advisable to contact Purdy
Electronics before proceeding with the design of equipment
incorporating this product.
• RoHS Compliant


Similar Part No. - AND6GA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AND6 ETC-AND6 Datasheet
12Kb / 2P
6-input AND gate with 1x drive strength
AND671GST ETC2-AND671GST Datasheet
40Kb / 2P
1 Line x 16 Characters Intelligent Character Display
AND671GST ETC2-AND671GST Datasheet
97Kb / 3P
Color Displays - (Prototype Kits Available for All Displays)
AND671GST-LED ETC2-AND671GST-LED Datasheet
40Kb / 2P
1 Line x 16 Characters Intelligent Character Display
logo
Purdy Electronics Corpo...
AND671GST-LED PURDY-AND671GST-LED Datasheet
396Kb / 4P
Liquid Crystal Displays
More results

Similar Description - AND6GA

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LC307PPG1-30Q-A3 MARKTECH-LC307PPG1-30Q-A3 Datasheet
43Kb / 2P
InGaN Green Ultra Bright 3mm LED
LC503PBG1-30Q-A MARKTECH-LC503PBG1-30Q-A Datasheet
209Kb / 2P
5mm Green InGaN Ultra Bright LED
LC503PPG1-30Q-A MARKTECH-LC503PPG1-30Q-A Datasheet
211Kb / 2P
5mm Green InGaN Ultra Bright LED
LP379PBG1-C0G MARKTECH-LP379PBG1-C0G Datasheet
60Kb / 2P
P4 InGaN Green Ultra Bright LED
LC503QPG1-15G-A MARKTECH-LC503QPG1-15G-A Datasheet
342Kb / 2P
5mm Green InGaN Ultra Bright LED
LC503QPG1-30H-A MARKTECH-LC503QPG1-30H-A Datasheet
206Kb / 2P
5mm Green InGaN Ultra Bright LED
LP377PPG1-60G MARKTECH-LP377PPG1-60G Datasheet
209Kb / 2P
P4 InGaN Green Ultra Bright LED
logo
Purdy Electronics Corpo...
AND4BC PURDY-AND4BC Datasheet
64Kb / 2P
InGaN Ultra Bright Blue Chip LEDs
AND6BC PURDY-AND6BC Datasheet
126Kb / 2P
InGaN Ultra Bright Blue TOP LEDs
AND6BD PURDY-AND6BD Datasheet
125Kb / 2P
InGaN Ultra Bright Blue TOP LEDs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com