Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND7RA Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND7RA
Description  InGaAIP Ultra Bright Red Light Low Profile Surface Mount Package
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND7RA Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND7RA Datasheet HTML 1Page - Purdy Electronics Corporation AND7RA Datasheet HTML 2Page - Purdy Electronics Corporation AND7RA Datasheet HTML 3Page - Purdy Electronics Corporation AND7RA Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
02/21/05
www.purdyelectronics.com
AND7RA
Ultra Bright LED Lamps
AND7RA
InGaAIP Ultra Bright Red Light
Low Profile Surface Mount Package
Features
• 0.40 mm height
• Compatible with automatic placement equipment.
• Compatible w/ infrared & vapor phase reflow solder process.
Applications
• Backlighting in auto dashboard & switch.
• Flat backlight for LCD, switch & symbol.
• General use for miniature applications.
Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Forward Current
IF
25
mA
Reverse Voltage
VR
5V
Power Dissipation
PD
60
mW
Operating Temp. Range
TOpr
-40~ +85
°C
Storage Temp. Range
TStg
-40~ +90
°C
Soldering Temp. (for 5 seconds)
TSol
260
°C
Electrostatic Discharge
ESD
2000
V
Peak Forward Current (Duty 1/10 @ 1KHz)
IF
60
mA
Recommended solder condition
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Minimum
Typical
Maximum
Unit
Forward Voltage
VF
IF = 5 mA
–1.6
–
V
Forward Voltage
VF
IF = 20 mA
–2.0
2.4
V
Reverse Current
IR
VR = 5 V
–
–
10
µA
Luminous Intensity
IV
IF = 5 mA
–45–
mcd
Luminous Intensity
IV
IF = 20 mA
90
135
–
mcd
Peak Wavelength
λP
IF = 20 mA
–
632
–
nm
Spectral Line Half Width
∆
λ
IF = 20 mA
–20–
nm
Dominant Wavelength
λd
IF = 20 mA
–
624
–
nm
Full Viewing Angle
2
θ 1/2
IF = 20 mA
–
120
–
degree
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND7RA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND711AST-30 PURDY-AND711AST-30 Datasheet
134Kb / 3P
Intelligent Graphic Display
AND711AST-30 PURDY-AND711AST-30 Datasheet
396Kb / 4P
Liquid Crystal Displays
AND711AST-30 PURDY-AND711AST-30 Datasheet
396Kb / 4P
Liquid Crystal Displays
logo
List of Unclassifed Man...
AND711AST-30 ETC2-AND711AST-30 Datasheet
97Kb / 3P
Color Displays - (Prototype Kits Available for All Displays)
logo
Purdy Electronics Corpo...
AND711AST-EO PURDY-AND711AST-EO Datasheet
396Kb / 4P
Liquid Crystal Displays
More results

Similar Description - AND7RA

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND4RA PURDY-AND4RA Datasheet
51Kb / 2P
GaAlAs Ultra Bright Red Light Emission Surface Mount Package
AND4SA PURDY-AND4SA Datasheet
88Kb / 2P
GaAsP Bright Red Light Emission Surface Mount Package
AND5OA PURDY-AND5OA Datasheet
54Kb / 2P
InGaAIP Ultra Bright Orange Light Emission Surface Mount Package
AND5RA PURDY-AND5RA Datasheet
51Kb / 2P
GaAlAs Ultra Bright Red Light Emission Surface Mount Package
AND5SA PURDY-AND5SA Datasheet
55Kb / 2P
GaAsP Bright Red Light Emission Surface Mount Package
AND7BA PURDY-AND7BA Datasheet
119Kb / 2P
InGaN Ultra Bright Blue Light Low Profile Surface Mount Package
AND7GA PURDY-AND7GA Datasheet
119Kb / 2P
InGaN Ultra Bright Green Light Low Profile Surface Mount Package
AND7GB PURDY-AND7GB Datasheet
124Kb / 2P
InGaAIP Ultra Bright Green Light Low Profile Surface Mount Package
AND7WA PURDY-AND7WA Datasheet
120Kb / 2P
InGaN Ultra Bright White Light Low Profile Surface Mount Package
AND7YA PURDY-AND7YA Datasheet
121Kb / 2P
InGaAIP Ultra Bright Yellow Light Low Profile Surface Mount Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com