Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND064VT4N1-HB Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND064VT4N1-HB
Description  Color TFT LCD Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND064VT4N1-HB Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND064VT4N1-HB Datasheet HTML 1Page - Purdy Electronics Corporation AND064VT4N1-HB Datasheet HTML 2Page - Purdy Electronics Corporation AND064VT4N1-HB Datasheet HTML 3Page - Purdy Electronics Corporation AND064VT4N1-HB Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AND064VT4N1-HB
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
2
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com
7/20/07
www.purdyelectronics.com
Displays
Power Consumption
Optical Specification
Parameters
Symbol
Specifications
Unit
Remark
Typ.
Max.
+5V Current Dissipation
ICC
100
120
mA
Input Signals Current (High)
IIH
100
µA
VIH=+5
Input Signals Current (Low)
IIL
100
µA
VIL=0V
LCD Panel Power Consumption
0.5
0.6
W
Backlight Power Consumption
4.32
mA
380 VRMS
Item
Symbol
Conditions
Specifications
Unit
Min.
Typ.
Max.
Luminance
LUM
350
400
cd/m2
Contrast Ratio
CR
At optimized Viewing angle
200
400
Viewing Angle
Horizontal
θ 21, θ 22
CR>10
±55
±60
deg
Vertical
θ 12
35
40
θ 11
50
55
Lamp Life
+25°C
Time
20,000
hr
Interface Pin Assignment
CN1 Input Signal (DF9A-31P-1V)
Pin
No.
Symbol
Function
Pin
No.
Symbol
Function
1
GND
Ground (0V)
17
G4
Green
Image data signal
2
CLK
Clock sig. for sampling image digital
data
18
G5
Green
Image data signal (MSB)
3
Hsync
Horizontal synchronous signal
19
GND
Ground (0V)
4
Vsync
Vertical synchronous signal
20
B0
Blue
Image data signal (LSB)
5
GND
Ground (0V)
21
B1
Blue
Image data signal
6
R0
Red
Image data signal (LSB)
22
B2
Blue
Image data signal
7
R1
Red
Image data signal
23
B3
Blue
Image data signal
8
R2
Red
Image data signal
24
B4
Blue
Image data signal
9
R3
Red
Image data signal
25
B5
Blue
Image data signal (MSB)
10
R4
Red
Image data signal
26
GND
Ground (0V)
11
R5
Red
Image data signal (MSB)
27
DENB
Signal to select horiz. display position
12
GND
Ground (0V)
28
VCC
DC +5.0V power supply
13
G0
Green
Image data signal (LSB)
29
VCC
DC +5.0V power supply
14
G1
Green
Image data signal
30
R/L
Horiz. image shift-direction select signal
15
G2
Green
Image data signal
31
U/D
Vert. image shift-direction select signal
16
G3
Green
Image data signal
CN2 & CN3 CCFL Power Supply
Pin
No.
Symbol
Description
1
VL
Input (High Voltage)
2
NC
No Connect
3
GL
Input (Low Voltage)
Note: Low voltage side of backlight inverter connects with
ground of inverter circuits.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com