Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND181YP Datasheet(PDF) 1 Page - Purdy Electronics Corporation

Part # AND181YP
Description  Standard Bright LED LAMPS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND181YP Datasheet(HTML) 1 Page - Purdy Electronics Corporation

  AND181YP Datasheet HTML 1Page - Purdy Electronics Corporation AND181YP Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
7/18/07
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com
1
www.purdyelectronics.com
AND181YP
Standard Bright LED LAMPS
Precaution
Please be careful of the following:
1. Soldering temperature: 260°C max; Soldering time: 5 sec. max; Soldering portion of lead: up to 1.6 mm from the
body of the device.
2. The lead can be formed up to 5 mm from the body of the device without forming stress. Soldering should be
performed after the lead forming.
Electro-Optical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Yellow
Unit
Min.
Typ.
Max.
Forward Voltage
VF
IF = 20mA
–2.1
3.0
V
Reverse Current
IR
VR = 4 V
–
–
100
µA
Peak Emission Wavelength
λp
IF = 15mA
–
585
–
nm
Spectral Line Half Width
λ
IF = 15mA
–32
–
nm
Weight: 0:30 g
Unit: mm
0.5
5.0
1. Anode
2. Cathode
2.54
Cathode Index
12
AND181YP
Standard LED
T-1 3/4 Package (5 mm)
Features
• Low power requirement
• Flush-mount
• All plastic molded lens
• Color: GaAsP–Yellow
Optical Characteristics (Ta = 25°C)
Color
Lens
Desc.
Axial Luminous
Intensity (mcd)
Test
Condition
(IF–mA)
Viewing
Angle
2
θ1/2
(deg)
LED
Lens
Min.
Typ.
Yellow
Lt Yellow
Clear
75
150
20
15
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
(Yellow)
Unit
Forward Current (DC)
IF
30
mA
Reverse Voltage
VR
4V
Power Dissipation
PD
75
mW
Operating Temperature
TOpr
-25 to +85
°C
Storage Temperature Range
TStg
-25 to +100
°C
Product specifications contained herein may be changed without prior notice.
It is therefore advisable to contact Purdy Electronics before proceeding with
the design of equipment incorporating this product.
• RoHS Compliant


Similar Part No. - AND181YP

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND180AYP PURDY-AND180AYP Datasheet
57Kb / 2P
InGaAlP Yellow Light Emission
logo
List of Unclassifed Man...
AND180CRP ETC-AND180CRP Datasheet
27Kb / 2P
GaAlAs Red Light Emission T-1 3/4 Package (5 mm)
logo
Purdy Electronics Corpo...
AND180CRP-B PURDY-AND180CRP-B Datasheet
126Kb / 2P
Ultra Bright LED Lamps
AND180HRP PURDY-AND180HRP Datasheet
61Kb / 2P
Ultra Bright LED Lamps
AND180HRP PURDY-AND180HRP_15 Datasheet
191Kb / 2P
Ultra Bright LED Lamps
More results

Similar Description - AND181YP

ManufacturerPart #DatasheetDescription
logo
Purdy Electronics Corpo...
AND113Y PURDY-AND113Y Datasheet
87Kb / 2P
Standard Bright LED LAMPS
AND114G PURDY-AND114G Datasheet
87Kb / 2P
Standard Bright LED LAMPS
AND114Y PURDY-AND114Y Datasheet
87Kb / 2P
Standard Bright LED LAMPS
AND205YA PURDY-AND205YA Datasheet
46Kb / 2P
Standard Bright LED Lamps
AND208YA PURDY-AND208YA Datasheet
47Kb / 2P
Standard Bright LED Lamps
AND211GA PURDY-AND211GA Datasheet
46Kb / 2P
Standard Bright LED Lamps
AND218YPA PURDY-AND218YPA Datasheet
45Kb / 2P
Standard Bright LED Lamps
AND113G-GP PURDY-AND113G-GP Datasheet
88Kb / 2P
Standard Bright LED LAMPS
AND114G-GP PURDY-AND114G-GP Datasheet
87Kb / 2P
Standard Bright LED LAMPS
AND820HW PURDY-AND820HW Datasheet
377Kb / 2P
Standard Bright LED Lamps
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com