Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND1391ST Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND1391ST
Description  Intelligent Graphics Display
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND1391ST Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND1391ST Datasheet HTML 1Page - Purdy Electronics Corporation AND1391ST Datasheet HTML 2Page - Purdy Electronics Corporation AND1391ST Datasheet HTML 3Page - Purdy Electronics Corporation AND1391ST Datasheet HTML 4Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Intelligent Graphics Display
AND1391ST-EO
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
7/20/07
Tel: 408.523.8200 • Fax: 408.733.1287 • sales@purdyelectronics.com • www.purdyelectronics.com
2
Note: Refer to Applications Section for definitions of viewing
angle, contrast ratio, response time (on and off) and
luminance.
Power Supply
The LCD panel is driven by the voltage VDD–VEE, so an
adjustable VEE is required for contrast control and
temperature compensation.
Timing Relationships and Diagram
Timing Diagram
Optical Characteristics (TA = 25˚C,
φ = 0°, θ = 0)
Item
Symbol
Condition
Min. Typ. Max.
Unit
Viewing Angle
θ
C
≥2.0, φ=0°
-40
degree
Contrast
C
θ=5°, φ=0°
57
Response
Time (rise)
Tr
θ=5°, φ=0°
150
ms
Response
Time (fall)
Tf
θ=5°, φ=0°
300
ms
Connector Pin Assignment
Pin No. Signal
Function
1
FGND Frame Ground (connected to metal bezel)
2
V
SS
Power Supply (VSS=0)
3
V
DD
Power Supply (V
DD>VSS)
4
VO
Operating Voltage for LCD
5WR
Data Write (write data to the module at “L”)
6RD
Data Read (read data from the module at “L”)
7CE
Chip Enable for the modul (active at “L”)
8
C/D
WR = “L”; C/D = “H”: Command Write,
C/D = “L”: Data Write RD = “L”,
C/D = “H”: Command Read
C/D = “L”: Data Read
9
NC
No connection
10
RESET Controller Reset (module reset)
11
D0
Data Input/Output (D0=MSB)
12
D1
Data Input/Output
13
D2
Data Input/Output
14
D3
Data Input/Output
15
D4
Data Input/Output
16
D5
Data Input/Output
17
D6
Data Input/Output
18
D7
Data Input/Output (D7=LSB)
19
FS
Font select. Open or connect to VDD: 6 x 8 dot font
Connect t o VSS: 8 x 8 dot
20
NC
No connection
Temperature Variations
Temperature
VDD–VEE (EO option)
0°C
14.1
+25°C
13.0
+50°C
11.1
Signal Timing Relationships
Item
Symbol
Min.
Max.
Unit
C/D Set-Up Time
tCDS
100
ns
C/D Hold Time
tCDH
10
CE, RD, WR
Pulse Width
tCE,tRD, tWR
80
Data Set-Up Time
tDS
80
Data Hold Time
tDH
40
Access Time
tACC
150
Output Hold Time
tOH
10
50



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com