Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AND8010 Datasheet(PDF) 2 Page - Purdy Electronics Corporation

Part # AND8010
Description  LED Displays
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PURDY [Purdy Electronics Corporation]
Direct Link  http://www.purdyelectronics.com
Logo PURDY - Purdy Electronics Corporation

AND8010 Datasheet(HTML) 2 Page - Purdy Electronics Corporation

  AND8010 Datasheet HTML 1Page - Purdy Electronics Corporation AND8010 Datasheet HTML 2Page - Purdy Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Purdy Electronics Corporation • 720 Palomar Avenue • Sunnyvale, CA 94085
Tel: 408.523.8200 • Fax: 408.733.1287 • email@purdyelectronics.com • www.purdyelectronics.com
7/18/07
AND-8010 Series
GaAsP/GaP–Red; GaP–Green
LED Displays
AND-8010 Series Pin Connection Table
AND-8010GCL
AND-8010GAL
Pin
Connection
Pin
Connection
Pin
Connection
Pin
Connection
1
Anode A
9
Anode R.H. dp
1
Cathode A
9
Cathode R.H. dp
2
Anode F
10
Anode D
2
Cathode F
10
Cathode D
3
Common Cathode
11
Common Cathode
3
Common Anode
11
Common Anode
4
Anode E
12
Anode C
4
Cathode E
12
Cathode C
5
Common Cathode
13
Anode G
5
Common Anode
13
Cathode G
6
Anode L.H. dp
14
Anode B
6
Cathode L.H. dp
14
Cathode B
7
No pin
15
No pin
7
No pin
15
No pin
8
No pin
16
Common Cathode
8
No pin
16
Common Anode
Ambient Temperature
20
0
10
20
30
40
60
80
100
Max Current vs. Temperature
Temperature
-20
20
0.5
1.0
1.5
-40
40
60
80
0
Luminous Intensity vs. Temperature
Forward Current
210
0.3
1
5
3
2
120 30
(mA)
3
Luminous Intensity vs. Forward Current
VF = Forward Voltage (V)
1.6
0
10
20
40
50
30
1.8
2.0
2.2
2.4
Forward Current vs.
Forward Voltage
+100°C
+25°C
-5°C
Red
Green



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com