Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F174 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74F174
Description  HEX D-TYPE FLIP-FLOP WITH CLEAR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74F174 Datasheet(HTML) 1 Page - Texas Instruments

  SN74F174 Datasheet HTML 1Page - Texas Instruments SN74F174 Datasheet HTML 2Page - Texas Instruments SN74F174 Datasheet HTML 3Page - Texas Instruments SN74F174 Datasheet HTML 4Page - Texas Instruments SN74F174 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SN74F174A
HEX D-TYPE FLIP-FLOP
WITH CLEAR
SDFS029B – D2932, MARCH 1987 – REVISED OCTOBER 1993
Copyright
© 1993, Texas Instruments Incorporated
2–1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• Contains Six Flip-Flops With Single-Rail
Outputs
• Buffered Clock and Direct Clear Inputs
• Applications Include:
Buffer/Storage Registers
Shift Registers
Pattern Generators
• Fully Buffered Outputs for Maximum
Isolation From External Disturbances
• Package Options Include Plastic
Small-Outline Packages and Standard
Plastic 300-mil DIPs
description
This monolithic, positive-edge-triggered flip-flop utilizes TTL circuitry to implement D-type flip-flop logic with a
direct clear (CLR) input. Information at the data (D) inputs meeting the setup time requirements is transferred
to the outputs on the positive-going edge of the clock pulse. Clock triggering occurs at a particular voltage level
and is not directly related to the transition time of the positive-going pulse. When the clock (CLK) input is at either
the high or low level, the D-input signal has no effect at the output.
The SN74F174A is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each flip-flop)
INPUTS
OUTPUT
CLR
CLK
D
Q
H
L
X
Q0
H
↑
HH
H
↑
LL
L
X
X
L
logic symbol†
1D
3
1D
4
2D
6
3D
11
4D
13
5D
1Q
2
2Q
5
3Q
7
4Q
10
5Q
12
R
1
9
CLK
CLR
C1
14
6D
6Q
15
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
CLR
1Q
1D
2D
2Q
3D
3Q
GND
VCC
6Q
6D
5D
5Q
4D
4Q
CLK
D OR N PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74F174

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74F174A TI1-SN74F174A Datasheet
410Kb / 11P
HEX D-TYPE FLIP-FLOP WITH CLEAR
SN74F174A TI2-SN74F174A Datasheet
310Kb / 11P
HEX D-TYPE FLIP-FLOP WITH CLEAR
REVISED OCTOBER 1993
SN74F174AD TI1-SN74F174AD Datasheet
410Kb / 11P
HEX D-TYPE FLIP-FLOP WITH CLEAR
SN74F174AD TI2-SN74F174AD Datasheet
310Kb / 11P
HEX D-TYPE FLIP-FLOP WITH CLEAR
REVISED OCTOBER 1993
SN74F174ADE4 TI1-SN74F174ADE4 Datasheet
410Kb / 11P
HEX D-TYPE FLIP-FLOP WITH CLEAR
More results

Similar Description - SN74F174

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT174 STMICROELECTRONICS-74ACT174 Datasheet
86Kb / 10P
HEX D-TYPE FLIP FLOP WITH CLEAR
May-1997
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F Datasheet
250Kb / 7P
HEX D-TYPE FLIP-FLOP WITH CLEAR
TC74HC174AP TOSHIBA-TC74HC174AP Datasheet
274Kb / 7P
HEX D TYPE FLIP FLOP WITH CLEAR
TC74LVX174F TOSHIBA-TC74LVX174F_07 Datasheet
244Kb / 9P
Hex D-Type Flip-Flop with Clear
TC74VHC174F TOSHIBA-TC74VHC174F_07 Datasheet
233Kb / 10P
Hex D-Type Flip Flop with Clear
logo
STMicroelectronics
74AC174 STMICROELECTRONICS-74AC174_01 Datasheet
257Kb / 11P
HEX D-TYPE FLIP FLOP WITH CLEAR
Apr-2001
logo
Toshiba Semiconductor
TC74AC174F TOSHIBA-TC74AC174F_12 Datasheet
226Kb / 9P
Hex D-Type Flip Flop with Clear
TC74ACT174F TOSHIBA-TC74ACT174F_12 Datasheet
261Kb / 8P
Hex D-Type Flip Flop with Clear
logo
Texas Instruments
74AC11174 TI1-74AC11174_10 Datasheet
104Kb / 8P
HEX D-TYPE FLIP-FLOP WITH CLEAR
logo
Toshiba Semiconductor
TC74VHC174F TOSHIBA-TC74VHC174F_V01 Datasheet
280Kb / 9P
Hex D-Type Flip Flop with Clear
2019-01-31
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com