Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT914BYF-2R2M Datasheet(PDF) 1 Page - Central Technologies

Part # CT914BYF-2R2M
Description  Power Inductors - Shielded
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CT [Central Technologies]
Direct Link  http://www.ctparts.com
Logo CT - Central Technologies

CT914BYF-2R2M Datasheet(HTML) 1 Page - Central Technologies

  CT914BYF-2R2M Datasheet HTML 1Page - Central Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Power Inductors - Shielded
ctparts.com
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids
800-684-5322 Inside US
949-453-1811 Outside US
Copyright © 2006 by CT Magnetics, DBA Central Technologies. All rights reserved.
CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL
09.11.06
SPECIFICATIONS
Parts are available in ±20% tolerance only.
*The IDC is that which causes a 30% inductance reduction from the initial value.
L Test
DCR
Part
Inductance
Freq.
Typ.
IDC*
Number
(µH ±20%)
(kHz)
(
Ω
Ω)
(A)
CT914BYF-1R2M
1.2
100
0.044
2.15
CT914BYF-2R2M
2.2
100
0.059
1.63
CT914BYF-3R5M
3.5
100
0.073
1.34
CT914BYF-4R7M
4.7
100
0.087
1.14
CT914BYF-6R8M
6.8
100
0.105
0.95
CT914BYF-100M
10
100
0.150
0.76
CT914BYF-150M
15
100
0.210
0.63
CT914BYF-220M
22
100
0.275
0.56
CT914BYF-270M
27
100
0.357
0.50
CT914BYF-330M
33
100
0.455
0.44
CT914BYF-470M
47
100
0.730
0.36
CT914BYF-680M
68
100
0.935
0.30
CT914BYF-101M
100
100
1.500
0.23
CT914BYF Series
From 1.2 µH to 100 µH
Not shown at actual size.
CHARACTERISTICS
PAD LAYOUT
Description: SMD (shielded) power inductor
Applications: Power supplies for VTR, OA equipment, LCD
televisions, PC notebooks, portable communication equipment,
DC/DC converters, etc.
Operating Temperature: -40°C to +85°C
Inductance Tolerance: ±20%
Testing: Tested on a HP4285A at 100 KHz
Packaging: Tape & Reel
Marking: Parts are marked with inductance code
Miscellaneous: RoHS Compliant
Additional Information: Additional electrical & physical
information available upon request
Samples available. See website for ordering information.
XXX
A
Inductance Code
D
C
E
B
Unit: mm
1.30
1.30
3.40
Size
A
B
C
D
E
Max.
Max.
Max.
Max.
Ref.
mm
5.2
5.2
5.6
2.0
0.6
inches
0.205
0.205
0.220
0.079
0.024
PHYSICAL DIMENSIONS
RoHS
Compliant


Similar Part No. - CT914BYF-2R2M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT915AYF CT-CT915AYF Datasheet
496Kb / 1P
Power Inductors - Shielded
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT916CYF-100M CT-CT916CYF-100M Datasheet
162Kb / 1P
Power Inductors - Shielded
CT916CYF-101M CT-CT916CYF-101M Datasheet
162Kb / 1P
Power Inductors - Shielded
CT916CYF-120M CT-CT916CYF-120M Datasheet
162Kb / 1P
Power Inductors - Shielded
More results

Similar Description - CT914BYF-2R2M

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com