Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B1636 Datasheet(PDF) 4 Page - EPCOS

Part # B1636
Description  SAW RF low loss filter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B1636 Datasheet(HTML) 4 Page - EPCOS

  B1636 Datasheet HTML 1Page - EPCOS B1636 Datasheet HTML 2Page - EPCOS B1636 Datasheet HTML 3Page - EPCOS B1636 Datasheet HTML 4Page - EPCOS B1636 Datasheet HTML 5Page - EPCOS B1636 Datasheet HTML 6Page - EPCOS B1636 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
September 16, 2008
B1636
1632.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF low loss filter
Data Sheet
Matching network (element value depends on PCB layout)
LP = 18 nH
Maximum ratings
Operable temperature range T
–30/+80
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulses.
V
machine model, 1 pulse
Input power at
1608.4... 1655.5 MHz
PIN
0
dBm
source impedance 200
Ω
Lp



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com