Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BPC-8070 Datasheet(PDF) 2 Page - Protech Systems Co., Ltd.

Part # BPC-8070
Description  Socket 478 Pentium4 Book-size PC
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTECHSYSTEMS [Protech Systems Co., Ltd.]
Direct Link  http://www.protech.com.tw
Logo PROTECHSYSTEMS - Protech Systems Co., Ltd.

BPC-8070 Datasheet(HTML) 2 Page - Protech Systems Co., Ltd.

  BPC-8070 Datasheet HTML 1Page - Protech Systems Co., Ltd. BPC-8070 Datasheet HTML 2Page - Protech Systems Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PS-8070 Socket478P4Book-sizePC
Front View
Rear V
iew
www . protech .com .tw
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in Jan.2005.
All of trademarks and brand names are the property of their owners. Trademark "Protech" is the property of Protech Systems Co., Ltd.
All information contained in this document is subject to change without any prior notice. This catalog is copyrighted in
.
With FDD, CD-ROM & HDD Drive Bay
2
1
4
3
1
2
Volume
Controler
AUDIO
R
L
4
3
2
1
12
Other Panels
With HDD Only Drive Bay
Front View
Rear View
Specification
System
CPU Type
Chipset
Memory Support
Video Controller
Power Supply
System Weight
Dimension (WxHxD)
Certificate
I/O Ports
Drive Bays
USB
Serial Ports
Parallel
Keyboard/Mouse
LAN
Audio
Others
Expansion Slots
Specification
System
WxHxD
I/O Ports
Drive Bays
USB
Serial Ports
Parallel
Keyboard/Mouse
LAN
Audio
Others
Expansion Slots
Intel
socket 478 Pentium 4 processors up
to 2.66GHz
Intel 845GV
Two DIMM, DDR200/266/333 SDRAM
up to 2GB max.
Integrated in Intel 845GV
200W power supply with PFC
5kg (11lb)
300 x 270 x 94 mm (11.8" x 10.6" x 3.7")
CE, FCC
1 x 3.5" HDD (internal)
1 x slim CD-ROM and 1 x slim FDD (external)
6xUSB2.0
4 x COM ports, COM 2 for RS232/422/485
1 x Parallel port (SPP/EPP/ECP)
2xPS/2ports
1 x 10/100 Mbps
Line-in/Line-out/ MIC
1 x Game port
2xPCI
Intel
socket 478 Pentium 4 processors up
to 2.66GHz
Intel 845GV
Two DIMM, DDR200/266/333 SDRAM
up to 2GB max.
Integrated in Intel 845GV
200W power supply with PFC
5kg (11lb)
300 x 270 x 94 mm (11.8" x 10.6" x 3.7")
CE, FCC
1 x 3.5" HDD (internal)
1 x slim CD-ROM and 1 x slim FDD (external)
6xUSB2.0
4 x COM ports, COM 2 for RS232/422/485
1 x Parallel port (SPP/EPP/ECP)
2xPS/2ports
1 x 10/100 Mbps
Line-in/Line-out/ MIC
1 x Game port
2xPCI
0 ~40 C
-40 ~85 C
20%-90%
book size PC with P4 MB, slim CD-ROM and
FDD front bezel
BPC-8070 with 845GE chipset
rack mount kit
wall mount kit
0 ~40 C
-40 ~85 C
20%-90%
book size PC with P4 MB, slim CD-ROM and
FDD front bezel
BPC-8070 with 845GE chipset
rack mount kit
wall mount kit
Environment
Operating Temp.
Storage Tmp.
Humidity
Ordering Information
BPC-8070
BPC-8070-AGP
BPC-8070-RACK-MT
BPC-8070-WALL-MT
Environment
Ordering Information
BPC-8070
BPC-8070-AGP
BPC-8070-RACK-MT
BPC-8070-WALL-MT
R
* CPU, DDR SDRAM and FDD/HDD/CD-ROM are available as optional items.
R
R
R



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com